Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

93AA76B-E/ST Datasheet(PDF) 2 Page - Microchip Technology

Part # 93AA76B-E/ST
Description  1K-16K Microwire Compatible Serial EEPROMs
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

93AA76B-E/ST Datasheet(HTML) 2 Page - Microchip Technology

  93AA76B-E/ST Datasheet HTML 1Page - Microchip Technology 93AA76B-E/ST Datasheet HTML 2Page - Microchip Technology 93AA76B-E/ST Datasheet HTML 3Page - Microchip Technology 93AA76B-E/ST Datasheet HTML 4Page - Microchip Technology 93AA76B-E/ST Datasheet HTML 5Page - Microchip Technology 93AA76B-E/ST Datasheet HTML 6Page - Microchip Technology 93AA76B-E/ST Datasheet HTML 7Page - Microchip Technology 93AA76B-E/ST Datasheet HTML 8Page - Microchip Technology 93AA76B-E/ST Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 38 page
background image
93XX46X/56X/66X/76X/86X
DS21929D-page 2
© 2007 Microchip Technology Inc.
TABLE 1-1:
DEVICE SELECTION TABLE
Part Number
Density
(Kbits)
VCC
Range
ORG Pin
Organization
(Words)
PE Pin
Temp
Range
Packages
93XX46A/B/C
93AA46A
1
1.8-5.5
No
128 x 8 bits
No
I
P, SN, ST, MS, OT, MC
93AA46B
1
1.8-5.5
No
64 x 16 bits
No
I
P, SN, ST, MS, OT, MC
93AA46C
1
1.8-5.5
Yes
Selectable x8 or x16
No
I
P, SN, ST, MS, MC
93LC46A
1
2.5-5.5
No
128 x 8 bits
No
I, E
P, SN, ST, MS, OT, MC
93LC46B
1
2.5-5.5
No
64 x 16 bits
No
I, E
P, SN, ST, MS, OT, MC
93LC46C
1
2.5-5.5
Yes
Selectable x8 or x16
No
I, E
P, SN, ST, MS, MC
93C46A
1
4.5-5.5
No
128 x 8 bits
No
I, E
P, SN, ST, MS, OT, MC
93C46B
1
4.5-5.5
No
64 x 16 bits
No
I, E
P, SN, ST, MS, OT, MC
93C46C
1
4.5-5.5
Yes
Selectable x8 or x16
No
I, E
P, SN, ST, MS, MC
93AA46AX/BX/CX, 93LC46AX/BX/CX, 93C46AX/BX/CX (Alternate pinout with die rotated 90°)
93AA46AX
1
1.8-5.5
No
128 x 8 bits
No
I
P, SN, ST, MS, OT, MC
93AA46BX
1
1.8-5.5
No
64 x 16 bits
No
I
P, SN, ST, MS, OT, MC
93AA46CX
1
1.8-5.5
Yes
Selectable x8 or x16
No
I
P, SN, ST, MS, MC
93LC46AX
1
2.5-5.5
No
128 x 8 bits
No
I, E
P, SN, ST, MS, OT, MC
93LC46BX
1
2.5-5.5
No
64 x 16 bits
No
I, E
P, SN, ST, MS, OT, MC
93LC46CX
1
2.5-5.5
Yes
Selectable x8 or x16
No
I, E
P, SN, ST, MS, MC
93C46AX
1
4.5-5.5
No
128 x 8 bits
No
I, E
P, SN, ST, MS, OT, MC
93C46BX
1
4.5-5.5
No
64 x 16 bits
No
I, E
P, SN, ST, MS, OT, MC
93C46CX
1
4.5-5.5
Yes
Selectable x8 or x16
No
I, E
P, SN, ST, MS, MC
93XX56A/B/C
93AA56A
2
1.8-5.5
No
256 x 8 bits
No
I
P, SN, ST, MS, OT, MC
93AA56B
2
1.8-5.5
No
128 x 16 bits
No
I
P, SN, ST, MS, OT, MC
93AA56C
2
1.8-5.5
Yes
Selectable x8 or x16
No
I
P, SN, ST, MS, MC
93LC56A
2
2.5-5.5
No
256 x 8 bits
No
I, E
P, SN, ST, MS, OT, MC
93LC56B
2
2.5-5.5
No
128 x 16 bits
No
I, E
P, SN, ST, MS, OT, MC
93LC56C
2
2.5-5.5
Yes
Selectable x8 or x16
No
I, E
P, SN, ST, MS, MC
93C56A
2
4.5-5.5
No
256 x 8 bits
No
I, E
P, SN, ST, MS, OT, MC
93C56B
2
4.5-5.5
No
128 x 16 bits
No
I, E
P, SN, ST, MS, OT, MC
93C56C
2
4.5-5.5
Yes
Selectable x8 or x16
No
I, E
P, SN, ST, MS, MC
93XX66A/B/C
93AA66A
4
1.8-5.5
No
512 x 8 bits
No
I
P, SN, ST, MS, OT, MC
93AA66B
4
1.8-5.5
No
256 x 16 bits
No
I
P, SN, ST, MS, OT, MC
93AA66C
4
1.8-5.5
Yes
Selectable x8 or x16
No
I
P, SN, ST, MS, MC
93LC66A
4
2.5-5.5
No
512 x 8 bits
No
I, E
P, SN, ST, MS, OT, MC
93LC66B
4
2.5-5.5
No
256 x 16 bits
No
I, E
P, SN, ST, MS, OT, MC
93LC66C
4
2.5-5.5
Yes
Selectable x8 or x16
No
I, E
P, SN, ST, MS, MC
93C66A
4
4.5-5.5
No
512 x 8 bits
No
I, E
P, SN, ST, MS, OT, MC
93C66B
4
4.5-5.5
No
256 x 16 bits
No
I, E
P, SN, ST, MS, OT, MC
93C66C
4
4.5-5.5
Yes
Selectable x8 or x16
No
I, E
P, SN, ST, MS, MC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com