Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M58WR016KL Datasheet(PDF) 4 Page - STMicroelectronics

Part # M58WR016KL
Description  16- or 32-Mbit (횞16, Mux I/O, Multiple Bank, Burst) 1.8 V supply Flash memories
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M58WR016KL Datasheet(HTML) 4 Page - STMicroelectronics

  M58WR016KL Datasheet HTML 1Page - STMicroelectronics M58WR016KL Datasheet HTML 2Page - STMicroelectronics M58WR016KL Datasheet HTML 3Page - STMicroelectronics M58WR016KL Datasheet HTML 4Page - STMicroelectronics M58WR016KL Datasheet HTML 5Page - STMicroelectronics M58WR016KL Datasheet HTML 6Page - STMicroelectronics M58WR016KL Datasheet HTML 7Page - STMicroelectronics M58WR016KL Datasheet HTML 8Page - STMicroelectronics M58WR016KL Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
Description
M58WRxxxKU, M58WRxxxKL
4/10
Figure 1.
Logic diagram
1.
Amax is equal to A19 in the M58WR016KU/L and, to A20 in the M58WR032KU/L.
Table 1.
Signal names
Signal name
Function
Direction
A16-Amax(1)
1.
Amax is equal to A19 in the M58WR016KU/L and, to A20 in the M58WR032KU/L.
Address inputs
Inputs
ADQ0-ADQ15
Data Input/Outputs or Address Inputs, Command Inputs
I/O
E
Chip Enable
Input
G
Output Enable
Input
W
Write Enable
Input
RP
Reset/Power-down
Input
WP
Write Protect
Input
K
Clock
Input
L
Latch Enable
Input
WAIT
Wait
Output
BINV
Bus Invert
Input
VDD
Supply voltage
VDDQ
Supply voltage for input/output buffers
VPP
Optional supply voltage for fast Program & Erase
VSS
Ground
VSSQ
Ground input/output supply
NC
Not connected internally
W
ADQ0-ADQ15
VDD
E
VSS
16
G
RP
WP
VDDQ VPP
L
K
WAIT
BINV
AI13849
A16-Amax(1)
M58WR016KU
M58WR016KL
M58WR032KU
M58WR032KL
VSSQ



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com