Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STB50NE10T4 Datasheet(PDF) 8 Page - STMicroelectronics

Part # STB50NE10T4
Description  N-channel 100V - 0.021Ω - 50A - D2PAK STripFET??Power MOSFET
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STB50NE10T4 Datasheet(HTML) 8 Page - STMicroelectronics

Back Button STB50NE10T4 Datasheet HTML 4Page - STMicroelectronics STB50NE10T4 Datasheet HTML 5Page - STMicroelectronics STB50NE10T4 Datasheet HTML 6Page - STMicroelectronics STB50NE10T4 Datasheet HTML 7Page - STMicroelectronics STB50NE10T4 Datasheet HTML 8Page - STMicroelectronics STB50NE10T4 Datasheet HTML 9Page - STMicroelectronics STB50NE10T4 Datasheet HTML 10Page - STMicroelectronics STB50NE10T4 Datasheet HTML 11Page - STMicroelectronics STB50NE10T4 Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 13 page
background image
Test circuit
STB50NE10
8/13
3
Test circuit
Figure 12. Switching times test circuit for
resistive load
Figure 13. Gate charge test circuit
Figure 14. Test circuit for inductive load
switching and diode recovery times
Figure 15. Unclamped Inductive load test
circuit
Figure 16. Unclamped inductive waveform
Figure 17. Switching time waveform



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com