Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GS3018 Datasheet(PDF) 1 Page - GTM CORPORATION

Part # GS3018
Description  N-CHANNEL MOSFET
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GTM [GTM CORPORATION]
Direct Link  http://www.gtm.com.tw
Logo GTM - GTM CORPORATION

GS3018 Datasheet(HTML) 1 Page - GTM CORPORATION

  GS3018 Datasheet HTML 1Page - GTM CORPORATION GS3018 Datasheet HTML 2Page - GTM CORPORATION GS3018 Datasheet HTML 3Page - GTM CORPORATION GS3018 Datasheet HTML 4Page - GTM CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
GS3018
Page: 1/4
ISSUED DATE :2004/11/24
REVISED DATE :2005/12/02C
G
G S
S 33001188
N
N -- C
C H
H A
A N
N N
N E
E L
L M
M O
O S
S F
F E
E T
T
Description
N-channel enhancement-mode MOSFET
Features
&Low on-resistance.
&Fast switching speed.
&Low voltage drive (2.5V) makes this device ideal for portable equipment.
&Easily designed drive circuits.
&Easy to parallel.
Package Dimensions
Millimeter
Millimeter
REF.
Min.
Max.
REF.
Min.
Max.
A
0.8
1.10
L1
0.42 REF.
A1
0
0.10
L
0.15
0.35
A2
0.8
1.00
b
0.25
0.40
D
1.80
2.20
c
0.10
0.25
E
1.15
1.35
e
0.65 REF.
HE
1.80
2.40
Q1
0.15 BSC.
Absolute Maximum Ratings
Parameter
Symbol
Ratings
Unit
Drain-Source Voltage
VDS
30
V
Gate-Source Voltage
VGS
f 20
V
Continuous Drain Current3
ID @TA=25 :
115
mA
Continuous Drain Current3
ID @TA=100 :
75
mA
Pulsed Drain Current1,2
IDM
800
mA
Power Dissipation
PD @TA=25 :
0.225
W
Linear Derating Factor
0.0018
W/
Operating Junction and Storage Temperature Range
Tj, Tstg
-40 ~ +150
Thermal Data
Parameter
Symbol
Ratings
Unit
Thermal Resistance Junction-ambient3 Max.
Rthj-a
556
/W
BVDSS
30V
RDS(ON)
8
ID
115mA
Pb Free Plating Product


Similar Part No. - GS3018

ManufacturerPart #DatasheetDescription
logo
GTM CORPORATION
GS3018K GTM-GS3018K Datasheet
295Kb / 4P
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
More results

Similar Description - GS3018

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
APT6M100K MICROSEMI-APT6M100K Datasheet
263Kb / 4P
N-Channel MOSFET
APT24M120B2 MICROSEMI-APT24M120B2 Datasheet
407Kb / 4P
N-Channel MOSFET
APT28M120B2 MICROSEMI-APT28M120B2 Datasheet
283Kb / 4P
N-Channel MOSFET
APT34M60B MICROSEMI-APT34M60B Datasheet
398Kb / 4P
N-Channel MOSFET
APT34M120J MICROSEMI-APT34M120J Datasheet
273Kb / 4P
N-Channel MOSFET
APT41M80B2 MICROSEMI-APT41M80B2 Datasheet
265Kb / 4P
N-Channel MOSFET
APT43M60B2 MICROSEMI-APT43M60B2 Datasheet
398Kb / 4P
N-Channel MOSFET
APT58M50J MICROSEMI-APT58M50J Datasheet
275Kb / 4P
N-Channel MOSFET
APT66M60B2 MICROSEMI-APT66M60B2 Datasheet
398Kb / 4P
N-Channel MOSFET
logo
KIA Semiconductor Techn...
2302 KIA-2302 Datasheet
110Kb / 4P
P-CHANNEL MOSFET N-CHANNEL MOSFET
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com