Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TDF5140A Datasheet(PDF) 2 Page - NXP Semiconductors

Part # TDF5140A
Description  Brushless DC motor drive circuit
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDF5140A Datasheet(HTML) 2 Page - NXP Semiconductors

  TDF5140A Datasheet HTML 1Page - NXP Semiconductors TDF5140A Datasheet HTML 2Page - NXP Semiconductors TDF5140A Datasheet HTML 3Page - NXP Semiconductors TDF5140A Datasheet HTML 4Page - NXP Semiconductors TDF5140A Datasheet HTML 5Page - NXP Semiconductors TDF5140A Datasheet HTML 6Page - NXP Semiconductors TDF5140A Datasheet HTML 7Page - NXP Semiconductors TDF5140A Datasheet HTML 8Page - NXP Semiconductors TDF5140A Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 19 page
background image
1999 March 15
2
Philips Semiconductors
Product specification
Brushless DC motor drive circuit
TDF5140A
FEATURES
• Full-wave commutation (using push/pull drivers at the
output stages) without position sensors
• Built-in start-up circuitry
• Three push-pull outputs:
– 0.8 A output current (typ.)
– low saturation voltage
– built-in current limiter
• Thermal protection
• Flyback diodes
• Tacho output without extra sensor
• Position pulse stage for phase-locked-loop control
• Transconductance amplifier for an external control
transistor.
APPLICATIONS
• VCR
• Laser beam printer
• Fax machine
• Blower
• Automotive.
GENERAL DESCRIPTION
The TDF5140A is a bipolar integrated circuit used to drive
3-phase brushless DC motors in full-wave mode. The
device is sensorless (saving of 3 hall-sensors) using the
back-EMF sensing technique to sense the rotor position.
QUICK REFERENCE DATA
Measured over full voltage and temperature range.
Notes
1. An unstabilized supply can be used.
2. VVMOT = VP; +AMP IN = −AMP IN = 0 V; all outputs IO = 0 mA.
ORDERING INFORMATION
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
VP
supply voltage
note 1
4
−
18
V
VVMOT
input voltage to the output
driver stages
note 2
1.7
−
20
V
VDO
drop-out output voltage
IO = 100 mA
−
0.93
1.05
V
ILIM
current limiting
VVMOT = 10 V; RO = 3.9 Ω
0.7
0.8
1
A
EXTENDED TYPE NUMBER
PACKAGE
PINS
PIN POSITION
MATERIAL
CODE
TDF5140A
18
DIL
plastic
SOT102



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com