Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GSC24BC08 Datasheet(PDF) 9 Page - GTM CORPORATION

Part # GSC24BC08
Description  2-WIRE SERIAL EEPROMS
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GTM [GTM CORPORATION]
Direct Link  http://www.gtm.com.tw
Logo GTM - GTM CORPORATION

GSC24BC08 Datasheet(HTML) 9 Page - GTM CORPORATION

  GSC24BC08 Datasheet HTML 1Page - GTM CORPORATION GSC24BC08 Datasheet HTML 2Page - GTM CORPORATION GSC24BC08 Datasheet HTML 3Page - GTM CORPORATION GSC24BC08 Datasheet HTML 4Page - GTM CORPORATION GSC24BC08 Datasheet HTML 5Page - GTM CORPORATION GSC24BC08 Datasheet HTML 6Page - GTM CORPORATION GSC24BC08 Datasheet HTML 7Page - GTM CORPORATION GSC24BC08 Datasheet HTML 8Page - GTM CORPORATION GSC24BC08 Datasheet HTML 9Page - GTM CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 9 / 9 page
background image
GSC24BC01/02/02/04/08/16
Page: 9/9
ISSUED DATE :2006/06/14
REVISED DATE :
GSC24BC Ordering Information
Ordering Code
Package
Operating Ranges
GSC24BC01I
GSC24BC02I
GSC24BC04I
GSC24BC08I
GSC24BC16I
SOP-8
Industrial (-40 ~ +85 :::: )
Product Ordering Information
GSC24BCXXY
Important Notice:
All rights are reserved. Reproduction in whole or in part is prohibited without the prior written approval of GTM.
GTM reserves the right to make changes to its products without notice.
GTM semiconductor products are not warranted to be suitable for use in life-support Applications, or systems.
GTM assumes no liability for any consequence of customer product design, infringement of patents, or application assistance.
Head Office And Factory:
Taiwan: No. 17-1 Tatung Rd. Fu Kou Hsin-Chu Industrial Park, Hsin-Chu, Taiwan, R. O. C.
TEL : 886-3-597-7061 FAX : 886-3-597-9220, 597-0785
China: (201203) No.255, Jang-Jiang Tsai-Lueng RD. , Pu-Dung-Hsin District, Shang-Hai City, China
TEL : 86-21-5895-7671 ~ 4 FAX : 86-21-38950165
SC=SOP-8
G=GTM
24=Device Type
Supply Voltage
BC=1.8V to 5.5V
Device Function
01= 1 Kbit (128x8)
02= 2 Kbit (256x8)
04= 4 Kbit (512x8)
08= 8 Kbit (1024x8)
16=16 Kbit (2048x8)
Temperature
I=Industrial (-40 ~ +85 : *



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com