Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M4606 Datasheet(PDF) 2 Page - Alpha Wire

Part # M4606
Description  24 (7/32) AWG Tinned Copper
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALPHAWIRE [Alpha Wire]
Direct Link  http://www.alphawire.com
Logo ALPHAWIRE - Alpha Wire

M4606 Datasheet(HTML) 2 Page - Alpha Wire

  M4606 Datasheet HTML 1Page - Alpha Wire M4606 Datasheet HTML 2Page - Alpha Wire M4606 Datasheet HTML 3Page - Alpha Wire M4606 Datasheet HTML 4Page - Alpha Wire  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
1) UL
AWM/STYLE 2464
80°C / 300 VRMS
 
CMG
75°C
2) CSA International
FT4
 
 
C(UL) TYPE CMG
75°C
3) CE:
EU Low Voltage Directive 2014/35/EU
Environmental
1) CE: EU Directive 2011/65/EU(RoHS2), EU Directive 2015/863/EU
(RoHS3):
 
This product complies with European Directive 2011/65/EU (RoHS
Directive) of the European Parliament and of the Council of 8 June
2011 and the amending Directive 2015/863/EU of 4 June 2015 . No
Exemptions are required for RoHS Compliance on this item.
2) REACH Regulation (EC 1907/2006):
 
This product does not contain Substances of Very High Concern
(SVHC) listed on the European Union's REACH candidate list in
excess of 0.1% mass of the item.
3) California Proposition 65:
This product may contain substances known to the State of
California to cause Cancer or Reproductive Harm, but is exempt
from labeling based on the Consent Judgement. See the Alpha
Wire website for more information.
Properties
Physical & Mechanical Properties
1) Temperature Range
-20 to 80°C
2) Bend Radius
10X Cable Diameter
3) Pull Tension
24.6 Lbs, Maximum
Electrical Properties
(For Engineering purposes only)
1) Voltage Rating
300 VRMS
2) Capacitance
31 pF/ft @1 kHz, Nominal Conductor to Conductor
3) Ground Capacitance
56 pF/ft @1 kHz, Nominal
4) Inductance
0.19 μH/ft, Nominal
5) Conductor DCR
26 Ω/1000ft @20°C, Nominal
6) OA Shield DCR
15.9 Ω/1000ft @20°C, Nominal
Other



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com