Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TDF8704T/5 Datasheet(PDF) 2 Page - NXP Semiconductors

Part # TDF8704T/5
Description  8-bit high-speed analog-to-digital converter
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDF8704T/5 Datasheet(HTML) 2 Page - NXP Semiconductors

  TDF8704T/5 Datasheet HTML 1Page - NXP Semiconductors TDF8704T/5 Datasheet HTML 2Page - NXP Semiconductors TDF8704T/5 Datasheet HTML 3Page - NXP Semiconductors TDF8704T/5 Datasheet HTML 4Page - NXP Semiconductors TDF8704T/5 Datasheet HTML 5Page - NXP Semiconductors TDF8704T/5 Datasheet HTML 6Page - NXP Semiconductors TDF8704T/5 Datasheet HTML 7Page - NXP Semiconductors TDF8704T/5 Datasheet HTML 8Page - NXP Semiconductors TDF8704T/5 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
June 1994
2
Philips Semiconductors
Product specification
8-bit high-speed analog-to-digital converter
TDF8704
FEATURES
• 8-bit resolution
• Sampling rate up to 50 MHz
• Extended temperature range (−40 to +85 °C)
• High signal-to-noise ratio over a large analog input
frequency range (7.4 effective bits at 4.43 MHz full-scale
input and at fclk = 50 MHz)
• Binary 3-state TTL outputs
• Overflow/underflow 3-state TTL output
• TTL compatible digital inputs
• Low-level AC clock input signal allowed
• Stable internal reference voltage regulator included
• Power dissipation only 380 mW (typical)
• Low analog input capacitance, no buffer amplifier
required
• No sample-and-hold circuit required.
APPLICATIONS
• General purpose high-speed analog-to-digital
conversion for extended temperature applications
• Automotive
• RF, satellite and GPS (Global Positioning System)
• Medical
• General industrial
• Digital video (VCR, TV and satellite).
GENERAL DESCRIPTION
The TDF8704T is an 8-bit high-speed analog-to-digital
converter (ADC) for general industrial applications. It
converts the analog input signal into 8-bit binary-coded
digital words at a maximum sampling rate of 50 MHz. All
digital inputs and outputs are TTL compatible, although a
low-level AC clock input signal is allowed.
QUICK REFERENCE DATA
Note
1. Full-scale sine wave (fi = 4.43 MHz; fclk = 50 MHz).
ORDERING INFORMATION
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
VCCA
analog supply voltage
4.75
5.0
5.25
V
VCCD
digital supply voltage
4.75
5.0
5.25
V
VCCO
output stages supply voltage
4.75
5.0
5.25
V
ICCA
analog supply current
37
46
mA
ICCD
digital supply current
23
35
mA
ICCO
output stages supply current
16
21
mA
ILE
DC integral linear error
−±0.4
±1
LSB
DLE
DC differential linearity error
−±0.2
±0.5
LSB
AILE
AC integral linearity error
note 1
−−±2
LSB
fclk(max)
maximum clock frequency
50
−−
MHz
Ptot
total power dissipation
380
535
mW
TYPE NUMBER
PACKAGE
SAMPLING
FREQUENCY
PINS
PIN POSITION
MATERIAL
CODE
TDF8704T/2
24
SO24L
plastic
SOT137-1
20 MHz
TDF8704T/4
24
SO24L
plastic
SOT137-1
40 MHz
TDF8704T/5
24
SO24L
plastic
SOT137-1
50 MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com