Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M3213 Datasheet(PDF) 1 Page - Alpha Wire

Part # M3213
Description  18 (16/30) AWG Tinned Copper
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALPHAWIRE [Alpha Wire]
Direct Link  http://www.alphawire.com
Logo ALPHAWIRE - Alpha Wire

M3213 Datasheet(HTML) 1 Page - Alpha Wire

  M3213 Datasheet HTML 1Page - Alpha Wire M3213 Datasheet HTML 2Page - Alpha Wire M3213 Datasheet HTML 3Page - Alpha Wire M3213 Datasheet HTML 4Page - Alpha Wire  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
2200 US Highway 27 South
Richmond, IN 47374
Tel: 1-800-52 ALPHA
Web: www.alphawire.com
Customer Specification
PART NO. M3213
Construction
 
Diameters (In)
1) Component 1
3 X 1 COND
 
a) Conductor
18 (16/30) AWG Tinned Copper
0.047
b) Insulation
0.016" Wall, Nom. PVC
0.079
(1) Color Code
Alpha Wire Color Code D
Cond
Color
Cond
Color
Cond
Color
1
BLACK
2
RED
3
WHITE
2) Cable Assembly
3 Components Cabled
 
a) Twists:
4.8 Twists/foot (min)
 
b) Orientation:
Components to be arranged from INSIDE LAYER to
OUTSIDE LAYER
 
c) Core Wrap
Clear Mylar Tape, 25% Overlap, Min.
 
3) Shield
Tinned Copper BRAID Shield,85% Coverage, Nom.
 
4) Jacket
0.020" Wall, Nom.,PVC
0.235 (0.246 Max.)
a) Color(s)
SLATE
b) Print
ALPHA WIRE-* P/N M3213 3C 18 AWG
EXXXXXX 75C SHIELDED CMG (UL) C(UL) OR
AWM STYLE 2095 CE ROHS
* = Factory Code
[Note: Product may have c(UL) or CSA markings depending
upon plant of manufacture.]
Applicable Specifications
1) UL
AWM/STYLE 2095
80°C / 300 VRMS
 
CMG
75°C
2) CSA International
C(UL) TYPE CMG
75°C
 
FT4
 
3) CE:
EU Low Voltage Directive 2014/35/EU


Similar Part No. - M3213

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
M3213 ETC2-M3213 Datasheet
293Kb / 2P
Straight-Thru, PG Hubs with Integral Sealing Ring
logo
Heyco.
M3213 HEYCO-M3213 Datasheet
268Kb / 1P
Tite Liquid Tight Cordgrips
logo
Glenair, Inc.
M32139-01-A01SCS GLENAIR-M32139-01-A01SCS Datasheet
426Kb / 2P
Nanominiature Connectors
M32139-01-A01SNS GLENAIR-M32139-01-A01SNS Datasheet
426Kb / 2P
Nanominiature Connectors
M32139-01-A01SSS GLENAIR-M32139-01-A01SSS Datasheet
426Kb / 2P
Nanominiature Connectors
More results

Similar Description - M3213

ManufacturerPart #DatasheetDescription
logo
Rhombus Industries Inc.
L-461 RHOMBUS-IND-L-461 Datasheet
15Kb / 1P
AWG Tinned Copper
9/17/02
logo
General Cable Technolog...
C9209A GENERAL-C9209A Datasheet
69Kb / 1P
#22 AWG 7/30 Tinned Copper
logo
List of Unclassifed Man...
1344173 ETC2-1344173 Datasheet
97Kb / 2P
18 AWG stranded (16x30) tinned copper conductor, PVC insulation
1344817 ETC2-1344817 Datasheet
97Kb / 2P
18 AWG stranded (7x26) tinned copper conductors
1345945 ETC2-1345945 Datasheet
100Kb / 3P
18 AWG stranded (16x30) tinned copper conductors, polyethylene insulation
1346630 ETC2-1346630 Datasheet
99Kb / 3P
16 AWG pairs stranded (19x29) tinned copper conductors
1347086 ETC2-1347086 Datasheet
98Kb / 3P
18 AWG stranded (19x30) tinned copper conductors
1347098 ETC2-1347098 Datasheet
101Kb / 3P
18 AWG pairs stranded (19x30) tinned copper conductors,
28469 ETC2-28469 Datasheet
33Kb / 3P
18 AWG stranded (16x30) tinned copper conductors, polyethylene insulation
1682722 ETC2-1682722 Datasheet
104Kb / 3P
18 AWG stranded (16x30) tinned copper conductor, PPO insulation
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com