Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HA13166H Datasheet(PDF) 3 Page - Renesas Technology Corp

Part # HA13166H
Description  Multiple Voltage Regulator for Car Audio
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HA13166H Datasheet(HTML) 3 Page - Renesas Technology Corp

  HA13166H Datasheet HTML 1Page - Renesas Technology Corp HA13166H Datasheet HTML 2Page - Renesas Technology Corp HA13166H Datasheet HTML 3Page - Renesas Technology Corp HA13166H Datasheet HTML 4Page - Renesas Technology Corp HA13166H Datasheet HTML 5Page - Renesas Technology Corp HA13166H Datasheet HTML 6Page - Renesas Technology Corp HA13166H Datasheet HTML 7Page - Renesas Technology Corp HA13166H Datasheet HTML 8Page - Renesas Technology Corp HA13166H Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 19 page
background image
HA13166H
Rev.1.00 Jan 16, 2007 page 3 of 18
Pin Description and Equivalent Circuit (cont.)
Function
Pin
No.
Pin Name
Specification
Equivalent Circuit
Normal Operation
TSD
Surge
Input
9
DSP OUT
3.3V/150 mA min
Vcc
100 k
Ω
Vcc
63 k
Ω
Regular 3.3 V.
3.3 V
0 V
10
AUDIO OUT
9.0 V/500 mA min
Vcc
77.3 k
Ω
Vcc
12.3 k
Ω
Output voltage is 9 V
when M or H level
applied to CTRL pin.
0 V
0 V
11
CTRL
—
35 k
Ω
65 k
Ω
L: BIAS OFF
M: BIAS ON
H: CD ON
—
—
12
CD OUT
8.0 V/1.3 A min
Vcc
64.7 k
Ω
Vcc
12.4 k
Ω
Output voltage is 8 V
when H level applied to
CTRL pin.
0 V
0 V
13
ILM AJ
—
Adjustment pin for ILM
output voltage.
—
—
14
ILM OUT
10.0 V/500 mA min
Vcc
33.4 k
Ω
Vcc
5 k
Ω
Output voltage is 10 V
when M or H level
applied to CTRL pin
0 V
0 V
15
GND
—
Connected to GND
—
—



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com