Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GSC4413 Datasheet(PDF) 1 Page - GTM CORPORATION

Part # GSC4413
Description  P-CHANNEL ENHANCEMENT MODE POWER MOSFET
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GTM [GTM CORPORATION]
Direct Link  http://www.gtm.com.tw
Logo GTM - GTM CORPORATION

GSC4413 Datasheet(HTML) 1 Page - GTM CORPORATION

  GSC4413 Datasheet HTML 1Page - GTM CORPORATION GSC4413 Datasheet HTML 2Page - GTM CORPORATION GSC4413 Datasheet HTML 3Page - GTM CORPORATION GSC4413 Datasheet HTML 4Page - GTM CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
GSC4413
Page: 1/4
ISSUED DATE :2006/02/24
REVISED DATE :
G
G S
S C
C 44441133
P-CHANNEL ENHANCEMENT MODE POWER MOSFET
Description
The GSC4413 provide the designer with the best combination of fast switching, ruggedized device design, low
on-resistance and cost-effectiveness.
The SOP-8 package is universally preferred for all commercial-industrial surface mount applications and suited
for low voltage applications such as DC/DC converters.
Features
*Simple Drive Requirement
*Lower On-resistance
*Fast Switching Characteristics
Package Dimensions
Millimeter
Millimeter
REF.
Min.
Max.
REF.
Min.
Max.
A
5.80
6.20
M
0.10
0.25
B
4.80
5.00
H
0.35
0.49
C
3.80
4.00
L
1.35
1.75
D
0°
8°
J
0.375 REF.
E
0.40
0.90
K
45°
F
0.19
0.25
G
1.27 TYP.
Absolute Maximum Ratings
Parameter
Symbol
Ratings
Unit
Drain-Source Voltage
VDS
-20
V
Gate-Source Voltage
VGS
±20
V
Continuous Drain Current3
ID @TA=25 :
-7.8
A
Continuous Drain Current3
ID @TA=70 :
-6.2
A
Pulsed Drain Current1
IDM
-30
A
Total Power Dissipation
PD @TA=25 :
2.5
W
Linear Derating Factor
0.02
W/ :
Operating Junction and Storage Temperature Range
Tj, Tstg
-55 ~ +150
:
Thermal Data
Parameter
Symbol
Value
Unit
Thermal Resistance Junction-ambient3
Max.
Rthj-amb
50
/
: W
BVDSS
-20V
RDS(ON)
30m
ID
-7.8A
Pb Free Plating Product


Similar Part No. - GSC4413

ManufacturerPart #DatasheetDescription
logo
GTM CORPORATION
GSC4410 GTM-GSC4410 Datasheet
309Kb / 5P
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
GSC4411 GTM-GSC4411 Datasheet
281Kb / 4P
P-CHANNEL ENHANCEMENT MODE POWER MOSFET
GSC4411DY GTM-GSC4411DY Datasheet
282Kb / 4P
P-CHANNEL ENHANCEMENT MODE POWER MOSFET
GSC4412 GTM-GSC4412 Datasheet
291Kb / 5P
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
GSC4418 GTM-GSC4418 Datasheet
306Kb / 4P
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
More results

Similar Description - GSC4413

ManufacturerPart #DatasheetDescription
logo
GTM CORPORATION
G2U4407 GTM-G2U4407 Datasheet
298Kb / 4P
P-CHANNEL ENHANCEMENT MODE POWER MOSFET
G3J14 GTM-G3J14 Datasheet
377Kb / 4P
P-CHANNEL ENHANCEMENT MODE POWER MOSFET
G1333 GTM-G1333 Datasheet
352Kb / 4P
P-CHANNEL ENHANCEMENT MODE POWER MOSFET
G2301 GTM-G2301 Datasheet
391Kb / 4P
P-CHANNEL ENHANCEMENT MODE POWER MOSFET
G2303 GTM-G2303 Datasheet
393Kb / 4P
P-CHANNEL ENHANCEMENT MODE POWER MOSFET
G3401 GTM-G3401 Datasheet
308Kb / 4P
P-CHANNEL ENHANCEMENT MODE POWER MOSFET
GI20P02 GTM-GI20P02 Datasheet
245Kb / 5P
P-CHANNEL ENHANCEMENT MODE POWER MOSFET
GI405 GTM-GI405 Datasheet
253Kb / 4P
P-CHANNEL ENHANCEMENT MODE POWER MOSFET
GJ9585 GTM-GJ9585 Datasheet
236Kb / 4P
P-CHANNEL ENHANCEMENT MODE POWER MOSFET
GM162 GTM-GM162 Datasheet
365Kb / 4P
P-CHANNEL ENHANCEMENT MODE POWER MOSFET
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com