Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GSCLM2931 Datasheet(PDF) 2 Page - GTM CORPORATION

Part # GSCLM2931
Description  100mA Low Dropout Adjustable Voltage Regulator
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GTM [GTM CORPORATION]
Direct Link  http://www.gtm.com.tw
Logo GTM - GTM CORPORATION

GSCLM2931 Datasheet(HTML) 2 Page - GTM CORPORATION

  GSCLM2931 Datasheet HTML 1Page - GTM CORPORATION GSCLM2931 Datasheet HTML 2Page - GTM CORPORATION GSCLM2931 Datasheet HTML 3Page - GTM CORPORATION GSCLM2931 Datasheet HTML 4Page - GTM CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
GSCLM2931
Page: 2/4
ISSUED DATE :2006/03/24
REVISED DATE :
Absolute Maximum Ratings
Parameter
Symbol
Ratings
Unit
Input Voltage
Vi
-15 ~ 40
V
Input Voltage t 100ms
Vi(t)
-50 ~ 60
V
Output Current
IO
100
mA
Storage Temperature
TSTG
-60 ~ +150
:
Junction Temperature
TJ
-40 ~ +125
:
Resistance Junction-Ambient
R JA
160
: /W
Electrical Characteristics
VIN=14V, VOUT=3V, IO=10mA, TJ=25 : , Ci=0.1uF, Co=100uF, R1=27k (unless otherwise specified)
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
IO=10mA
1.14
1.20
12.6
V
Reference voltage
VREF IO 100mA, -40 : TJ 125 :
Measure from VOUT to Adj Pin
1.08
1.32
V
Output voltage
VOUT
3
24
V
Line regulation
RegLine VOUT+0.6V VIN 26V
-
-
1.5
mV/V
Load regulation
RegLoad 5mA IO 100mA
-
-
1.0
%
IO=10mA
-
-
1.0
IO=100mA
-
6
-
Consumption current
IB
Output is “off” (Vth(OI)=2.5V)
-
-
1.0
mA
Adjustment current
IAdj
-
0.2
-
uA
Dropout voltage
Vds
IO=10mA
IO=100mA
-
-
0.2
0.6
V
Output Impedance
ZO
IO=1mA, f=10Hz~100kHz
-
40
-
m /V
Noise voltage on output
Vn
f=10Hz~100kHz
-
140
-
mV/V
Pulse-smoothing ratio
RR
f=120Hz
0.1
-
-
%/V
Temporary unstability of
output voltage
S
-
0.4
-
%/1000hr
Maximum input voltage
threshold
Vth(OV)
26
-
40
V
Output voltage at
negative input voltage
-VO
VIN=-15V
-0.3
-
-
V
Output is “ON”
-
-
1.9
Voltage threshold of
disconnection output
Vth(OI)
Output is “OFF”
2.5
-
-
V
Disconnection output
current
Ith(OI) Vth(OI)=2.5V
-
-
50
uA
Definition of Terms
Dropout Voltage: The input-output voltage differential at which the circuit ceases to regulate against further reduction in input voltage.
Measured when the output voltage has dropped 100mV from the nominal value obtained at 14V input, dropout voltage is dependent upon
load current and junction temperature.
Input Voltage: The DC voltage applied to the input terminals with respect to ground.
Input-Output Differential: The voltage difference between the unregulated input voltage and the regulated output voltage for which the
regulator will operate.
Line Regulation: The change in output voltage for a change in the input voltage. The measurement is made under conditions of low
dissipation or by using pulse techniques such that the average chip temperature is not significantly affected.
Load Regulation: The change in output voltage for a change in load current at constant chip temperature.
Long Term Stability: Output voltage stability under accelerated life-test conditions after 1000 hours with maximum rate voltage and
junction temperature.
Output Noise Voltage: The rms AC voltage at the output, with constant load and no input ripple, measured over a specified frequency
range.
Quiescent Current: That part of the positive input current that does not contribute to the positive load current. The regulator ground lead
current.
Ripple Rejection: The ratio of the peak-to-peak input ripple voltage to the peak-to-peak output ripple voltage at a specified frequency.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com