Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TEA1069A Datasheet(PDF) 22 Page - NXP Semiconductors

Part # TEA1069A
Description  Versatile speech/dialler/ringer with music-on-hold
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TEA1069A Datasheet(HTML) 22 Page - NXP Semiconductors

Back Button TEA1069A Datasheet HTML 18Page - NXP Semiconductors TEA1069A Datasheet HTML 19Page - NXP Semiconductors TEA1069A Datasheet HTML 20Page - NXP Semiconductors TEA1069A Datasheet HTML 21Page - NXP Semiconductors TEA1069A Datasheet HTML 22Page - NXP Semiconductors TEA1069A Datasheet HTML 23Page - NXP Semiconductors TEA1069A Datasheet HTML 24Page - NXP Semiconductors TEA1069A Datasheet HTML 25Page - NXP Semiconductors TEA1069A Datasheet HTML 26Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 44 page
background image
1998 Jan 08
22
Philips Semiconductors
Product specification
Versatile speech/dialler/ringer with
music-on-hold
TEA1069; TEA1069A
KEY TONE: PIN KT/EARTH
Every time a valid key is pressed a keytone is generated
with a frequency of 606 Hz and a duration of 30 ms. This
function is selected by the diode GOS = off. KT/EARTH is
LOW when VDD is below power-on reset trip level and
when RESET is HIGH.
VOLUME CONTROL: PINS VOL1 AND VOL2
Both pins can control the volume of the ringer and/or the
hands-free circuit. The state of VOL1/VOL2 is controlled
by a state machine as depicted in Fig.24.
VOL1 and VOL2 are push-pull outputs. Both are set LOW
when VDD is below power-on reset trip level and when
RESET is HIGH.
MUSIC-ON-HOLD: PIN MOH/DMO
When the dialler is in the hold state (see Fig.23) a melody
is generated via pin TONE. In this state pin MOH/DMO can
be used via diode GOS = off as an enable signal for the
hardware to indicate that the tone should be switched to
the telephone line.
MOH/DMO is a push-pull output. It is set LOW when VDD
is below power-on reset trip level and when RESET is
HIGH.
HANDS-FREE: PIN HF
During the on-line state, the hands-free output pin HF is
used for enabling the hands-free hardware. The pin will
change state depending on specific key-sequences
(see Fig.23).
HF is a push-pull output. It is set LOW when VDD is below
power-on reset trip level and when RESET is HIGH.
HOLD MODE: PIN HOLD
One way to terminate the hold state (see Fig.23) is a
change in state of the signal at pin HOLD. This input
should reflect the line current. If current is flowing the
signal at pin HOLD should be HIGH, if not it should be
LOW.
This pin is not debounced. The signal applied should be
filtered by the hardware. HOLD is HIGH when VDD is below
power-on reset trip level and when RESET is HIGH.
Key sequences
The behaviour of the TEA1069 and TEA1069A can be
modelled as a State Transition Diagram (STD) shown in
Fig.21.
Fig.21 TEA1069 and TEA1069A dialler/ringer states.
handbook, full pagewidth
MBH209
STANDBY
power-on
ON-LINE
RINGER
on-hook/[HOOK]
off-hook/[HOOK]
off-hook/[HOOK]
ringer signal
ringer invalid



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com