Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MIC2159 Datasheet(PDF) 1 Page - Micrel Semiconductor

Part # MIC2159
Description  SYNCHRONOUS-itty??Step-Down Converter IC
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC2159 Datasheet(HTML) 1 Page - Micrel Semiconductor

  MIC2159 Datasheet HTML 1Page - Micrel Semiconductor MIC2159 Datasheet HTML 2Page - Micrel Semiconductor MIC2159 Datasheet HTML 3Page - Micrel Semiconductor MIC2159 Datasheet HTML 4Page - Micrel Semiconductor MIC2159 Datasheet HTML 5Page - Micrel Semiconductor MIC2159 Datasheet HTML 6Page - Micrel Semiconductor MIC2159 Datasheet HTML 7Page - Micrel Semiconductor MIC2159 Datasheet HTML 8Page - Micrel Semiconductor MIC2159 Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
MIC2159
SYNCHRONOUS-itty™ Step-Down
Converter IC
MLF and MicroLead Frame is a registered trademark of Amkor Technologies
Micrel Inc. • 2180 Fortune Drive • San Jose, CA 95131 • USA • tel +1 (
408) 944-0800 • fax + 1 (408) 474-1000 • http://www.micrel.com
October 2006
M9999-101206
General Description
The MIC2159 is a high efficiency, simple to use
synchronous buck controller ICs housed in a 10-pin MSOP
ePAD package. The MIC2159 switches at 400kHz,
allowing the smallest possible external components and is
designed to drive loads up to 30A. The devices feature
high output driver capability, combined with an all n-
channel synchronous architecture.
The MIC2159 operates from a 3V to 14.5V input and can
be configured to generate output voltages as low as 0.8V.
Efficiencies of over 95% can be achieved within the
smallest possible printed circuit board space area.
The MIC2159 is available in a thermally capable 10-pin
ePAD MSOP package, with an junction operating range
from –40
°C to +125°C.
Features
• Small footprint 10-lead ePAD MSOP
• 3V to 14.5V input voltage range
• Adjustable output voltage down to 0.8V
• 400KHz operation
• Drives two n-channel MOSFETs
-
Built-in 3
Ω drivers
• Simple control: voltage-mode PWM
• Fast transient response
-
Transient Hysteretic control
-
Externally compensated
• Over-current protection
• Hiccup mode short-circuit protection
• Dual function COMP & EN pin
-
ISD = 50µA
• Short minimum ON time
-
30ns
-
Very low duty cycle possible
Applications
• Point-of-Load DC/DC conversion
• High Current Power Supplies
• Telecom/datacom and Networking Power Supplies
• Servers and Workstations
• Graphics Cards and other PC Peripherals
___________________________________________________________________________________________________________
Typical Application
MIC2159 Adjustable Output 400kHz Converter


Similar Part No. - MIC2159

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC2159YMME MICREL-MIC2159YMME Datasheet
436Kb / 16P
SYNCHRONOUS-itty Step-Down Converter IC
MIC2159 MICREL-MIC2159_09 Datasheet
436Kb / 16P
SYNCHRONOUS-itty Step-Down Converter IC
More results

Similar Description - MIC2159

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC2159 MICREL-MIC2159_09 Datasheet
436Kb / 16P
SYNCHRONOUS-itty Step-Down Converter IC
logo
Texas Instruments
TPS54227 TI1-TPS54227_15 Datasheet
999Kb / 24P
Synchronous Step-Down Converter
logo
Rohm
BD90521MUV-C ROHM-BD90521MUV-C Datasheet
2Mb / 42P
Synchronous Step-Down Converter
BD90541MUV-C ROHM-BD90541MUV-C Datasheet
2Mb / 40P
Synchronous Step-Down Converter
logo
Union Semiconductor, In...
UM3506QA UNIONSEMI-UM3506QA Datasheet
369Kb / 9P
Synchronous Step-Down Converter
logo
Richtek Technology Corp...
RT2660 RICHTEK-RT2660 Datasheet
332Kb / 18P
Synchronous Step-Down Converter
RT2856 RICHTEK-RT2856 Datasheet
308Kb / 19P
Synchronous Step-Down Converter
RT2875A RICHTEK-RT2875A Datasheet
295Kb / 16P
Synchronous Step-Down Converter
RT6204 RICHTEK-RT6204 Datasheet
1Mb / 18P
Synchronous Step-Down Converter
RT7249 RICHTEK-RT7249 Datasheet
275Kb / 17P
Synchronous Step-Down Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com