Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1SS88 Datasheet(PDF) 1 Page - Renesas Technology Corp

Part # 1SS88
Description  Silicon Schottky Barrier Diode for CATV Balanced Mixer
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

1SS88 Datasheet(HTML) 1 Page - Renesas Technology Corp

  1SS88 Datasheet HTML 1Page - Renesas Technology Corp 1SS88 Datasheet HTML 2Page - Renesas Technology Corp 1SS88 Datasheet HTML 3Page - Renesas Technology Corp 1SS88 Datasheet HTML 4Page - Renesas Technology Corp 1SS88 Datasheet HTML 5Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
REJ03G0615-0300 Rev.3.00 May 24, 2007
Page 1 of 4
1SS88
Silicon Schottky Barrier Diode for CATV Balanced Mixer
REJ03G0615-0300
Rev.3.00
May 24, 2007
Features
• Low capacitance. (C = 0.97 pF max)
• High reliability with glass seal.
Ordering Information
Part No.
Cathode
Mark
Package Name
Package Code
1SS88
White
H
DO-35
GRZZ0002ZB-A
Pin Arrangement
1
2
Cathode band
1. Cathode
2. Anode


Similar Part No. - 1SS88

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
1SS88 HITACHI-1SS88 Datasheet
31Kb / 5P
Silicon Schottky Barrier Diode for CATV Balanced Mixer
logo
Renesas Technology Corp
1SS88 RENESAS-1SS88 Datasheet
66Kb / 5P
Silicon Schottky Barrier Diode for CATV Balanced Mixer
logo
SUNMATE electronic Co.,...
1SS88 SUNMATE-1SS88 Datasheet
297Kb / 2P
SILICON EPITAXIAL PLANAR DIODES
More results

Similar Description - 1SS88

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HSB276AS HITACHI-HSB276AS Datasheet
23Kb / 5P
Silicon Schottky Barrier Diode for Balanced Mixer
HSM88AS HITACHI-HSM88AS Datasheet
28Kb / 5P
Silicon Schottky Barrier Diode for Balanced Mixer
HSM88WK HITACHI-HSM88WK Datasheet
28Kb / 5P
Silicon Schottky Barrier Diode for Balanced Mixer
1SS88 HITACHI-1SS88 Datasheet
31Kb / 5P
Silicon Schottky Barrier Diode for CATV Balanced Mixer
logo
Renesas Technology Corp
1SS88 RENESAS-1SS88 Datasheet
66Kb / 5P
Silicon Schottky Barrier Diode for CATV Balanced Mixer
HSB88WS RENESAS-HSB88WS Datasheet
79Kb / 5P
Silicon Schottky Barrier Diode for Balanced Mixer
HSB276AS RENESAS-HSB276AS Datasheet
149Kb / 5P
Silicon Schottky Barrier Diode for Balanced Mixer
HSM276ASR RENESAS-HSM276ASR Datasheet
141Kb / 5P
Silicon Schottky Barrier Diode for Balanced Mixer
HSM276S RENESAS-HSM276S Datasheet
148Kb / 5P
Silicon Schottky Barrier Diode for Balanced Mixer
HSM88AS RENESAS-HSM88AS Datasheet
64Kb / 5P
Silicon Schottky Barrier Diode for Balanced Mixer
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com