Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HAF2012L Datasheet(PDF) 6 Page - Renesas Technology Corp

Part # HAF2012L
Description  Silicon N Channel MOS FET Series Power Switching
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HAF2012L Datasheet(HTML) 6 Page - Renesas Technology Corp

Back Button HAF2012L Datasheet HTML 2Page - Renesas Technology Corp HAF2012L Datasheet HTML 3Page - Renesas Technology Corp HAF2012L Datasheet HTML 4Page - Renesas Technology Corp HAF2012L Datasheet HTML 5Page - Renesas Technology Corp HAF2012L Datasheet HTML 6Page - Renesas Technology Corp HAF2012L Datasheet HTML 7Page - Renesas Technology Corp HAF2012L Datasheet HTML 8Page - Renesas Technology Corp HAF2012L Datasheet HTML 9Page - Renesas Technology Corp HAF2012L Datasheet HTML 10Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
HAF2012(L), HAF2012(S)
REJ03G1139-0400 Rev.4.00 Jul 13, 2007
Page 6 of 9
10
8
6
4
2
0
Gate to Source Voltage vs.
Shutdown Time of Load-Short Test
0.1 0.2
0.5 1
2
5
10 20
50 100
Shutdown Time of Load-Short Test PW (ms)
9 V
12 V
VDD = 36 V
24 V
200
0
Gate to Source Voltage
VGS (V)
100
120
140
160
180
246810
Shutdown Case Temperature vs.
Gate to Source Voltage
ID = 5 A
10
8
6
4
0
2
TTL Drive Characteristics
Gate Series Resistance RG (kΩ)
0.01 0.03
0.1
0.3
1
3
10
1.0
0.8
0.6
0.4
0.2
0
VI
ID = 5 A
II
Pulse Width PW (S)
Normalized Transient Thermal Impedance vs. Pulse Width
3
1
0.3
0.1
0.03
0.01
10
µ
100
µ
1 m
10 m
100 m
1
10
Tc = 25°C
D = 1
0.5
0.2
0.1
0.05
0.02
0.01
1shot
pulse
PDM
PW
T
D =
PW
T
θch – c (t) = γ s (t) • θch – c
θch – c = 2.50°C/W, Tc = 25°C



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com