Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GSMBT2222A Datasheet(PDF) 1 Page - GTM CORPORATION

Part # GSMBT2222A
Description  NPN EPITAXIAL PLANAR TRANSISTOR
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GTM [GTM CORPORATION]
Direct Link  http://www.gtm.com.tw
Logo GTM - GTM CORPORATION

GSMBT2222A Datasheet(HTML) 1 Page - GTM CORPORATION

  GSMBT2222A Datasheet HTML 1Page - GTM CORPORATION GSMBT2222A Datasheet HTML 2Page - GTM CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
CORPORATION
1/2
ISSUED DATE :2005/01/12
REVISED DATE :
GSM BT2222A
N
N P
P N
N E
E P
P II T
T A
A X
X II A
A L
L P
P L
L A
A N
N A
A R
R T
T R
R A
A N
N S
S II S
S T
T O
O R
R
Description
The GSMBT2222A is designed for general purpose amplifier and high speed, medium-power switching applications.
Features
&High frequency current gain
&High speed switching
&For complementary use with PNP type GSMBT2907A
Package Dimensions
Millimeter
Millimeter
REF.
Min.
Max.
REF.
Min.
Max.
A
0.80
1.10
L1
0.42 REF.
A1
0
0.10
L
0.15
0.35
A2
0.80
1.00
b
0.25
0.40
D
1.80
2.20
c
0.10
0.25
E
1.15
1.35
e
0.65 REF.
HE
1.80
2.40
Q1
0.15 BSC.
Absolute Maximum Ratings at Ta = 25 ::::
Parameter
Symbol
Ratings
Unit
Junction Temperature
Tj
+150
Storage Temperature
Tstg
-55 ~ +150
Collector to Base Voltage at Ta=25 :
VCBO
75
V
Collector to Emitter Voltage at Ta=25 :
VCEO
40
V
Emitter to Base Voltage at Ta=25 :
VEBO
6
V
Collector Current at Ta=25 :
IC
600
mA
Total Power Dissipation at Ta=25 :
PD
225
mW
Characteristics at Ta = 25 ::::
Symbol
Min.
Typ.
Max.
Unit
Test Conditions
BVCBO
75
-
-
V
IC=100uA , IE=0
BVCEO
40
-
-
V
IC=10mA,IB=0
BVEBO
6
-
-
V
IE=10uA ,IC=0
ICBO
-
-
10
nA
VCB=60V, IE=0
ICEX
-
-
10
nA
VCE=60V ,VEB(OFF)=3V
IEBO
-
-
10
nA
VEB=3V
*VCE(sat)1
-
-
500
mV
IC=380mA, IB=10mA
*VCE(sat)2
-
-
1.0
V
IC=500mA, IB=50mA
*VBE(sat)1
-
-
1.2
V
IC=150mA, IB=15mA
*VBE(sat)2
-
-
2.0
V
IC=500mA, IB=50mA
*hFE1
35
-
-
VCE=10V, IC=100uA
*hFE2
50
-
-
VCE=10V, IC=1mA
*hFE3
75
-
-
VCE=10V, IC=10mA
*hFE4
100
-
300
VCE=10V, IC=150mA
*hFE5
40
-
-
VCE=10V, IC=500mA
fT
300
-
-
MHz
VCB=20V, IC=20mA, f=100MHz
* Pulse Test: Pulse Width 380 s, Duty Cycle 2%


Similar Part No. - GSMBT2222A

ManufacturerPart #DatasheetDescription
logo
E-Tech Electronics LTD
GSMBT2222A ETL-GSMBT2222A Datasheet
155Kb / 2P
N P N E P I TA X I A L P L A N A R T R A N S I S T O R
More results

Similar Description - GSMBT2222A

ManufacturerPart #DatasheetDescription
logo
KEC(Korea Electronics)
KTC3542T KEC-KTC3542T Datasheet
90Kb / 3P
EPITAXIAL PLANAR NPN TRANSISTOR
logo
Unisonic Technologies
2SC1384 UTC-2SC1384 Datasheet
70Kb / 2P
NPN EPITAXIAL PLANAR TRANSISTOR
2SD1609 UTC-2SD1609 Datasheet
85Kb / 4P
NPN EPITAXIAL PLANAR TRANSISTOR
logo
List of Unclassifed Man...
GMBT5551 ETC2-GMBT5551 Datasheet
175Kb / 2P
NPN EPITAXIAL PLANAR TRANSISTOR
GMBTA42 ETC2-GMBTA42 Datasheet
194Kb / 2P
NPN EPITAXIAL PLANAR TRANSISTOR
logo
GTM CORPORATION
GBC847 GTM-GBC847 Datasheet
236Kb / 2P
NPN EPITAXIAL PLANAR TRANSISTOR
GBC848 GTM-GBC848 Datasheet
221Kb / 2P
NPN EPITAXIAL PLANAR TRANSISTOR
GESD1060 GTM-GESD1060 Datasheet
424Kb / 3P
NPN EPITAXIAL PLANAR TRANSISTOR
GI41C GTM-GI41C Datasheet
150Kb / 2P
NPN EPITAXIAL PLANAR TRANSISTOR
GI122 GTM-GI122 Datasheet
161Kb / 3P
NPN EPITAXIAL PLANAR TRANSISTOR
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com