Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TEA1069AH Datasheet(PDF) 18 Page - NXP Semiconductors

Part # TEA1069AH
Description  Versatile speech/dialler/ringer with music-on-hold
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TEA1069AH Datasheet(HTML) 18 Page - NXP Semiconductors

Back Button TEA1069AH Datasheet HTML 14Page - NXP Semiconductors TEA1069AH Datasheet HTML 15Page - NXP Semiconductors TEA1069AH Datasheet HTML 16Page - NXP Semiconductors TEA1069AH Datasheet HTML 17Page - NXP Semiconductors TEA1069AH Datasheet HTML 18Page - NXP Semiconductors TEA1069AH Datasheet HTML 19Page - NXP Semiconductors TEA1069AH Datasheet HTML 20Page - NXP Semiconductors TEA1069AH Datasheet HTML 21Page - NXP Semiconductors TEA1069AH Datasheet HTML 22Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 44 page
background image
1998 Jan 08
18
Philips Semiconductors
Product specification
Versatile speech/dialler/ringer with
music-on-hold
TEA1069; TEA1069A
REGISTER RECALL: PINS DP/FL AND KT/EARTH
The RECALL function results in a calibrated pulse which drives the electronic line current interrupter via pin DP/FL or
KT/EARTH. Flash or earth selection and various flash interruption times depend on the diode options: FES A and FES B
(diode GOS = on; see Fig.15).
Fig.15 Recall mode timing diagram.
tkd = key pressed time (depends on user).
tholdover = hold-over time.
tidp = interdigit pause time.
tinterflash = interflash hold-over time (only for TEA1069A).
a. Recall using flash; trc = recall time using flash.
b. Recall using earth; tea = recall time using earth.
handbook, full pagewidth
MBH203
recall
KEY
DP/FL
trc
tholdover
MUTE
tkd
tholdover
recall
KEY
KT/EARTH
tea
MUTE
tkd
tinterflash
tidp
KEYBOARD: PINS ROW1 TO ROW5 AND COL1 TO COL6
The sense columns inputs and scanning rows outputs are
directly connected to a single contact keyboard matrix.
A second key entry will be valid after having released the
first button and after having pressed the second button.
Simultaneously pressing 2 buttons will disable the first
entered key. A key entry becomes valid when the
debounce time td has elapsed.
The column and row pins (except ROW5) are HIGH when
VDD is below power-on reset trip level and when RESET is
HIGH.
ROW5 is an open-drain input/output; this configuration is
used to avoid current flowing in the on-line or standby
state. A pull-up resistor should be connected to ROW5.
ROW5 is LOW when VDD is below power-on reset trip level
and when RESET is HIGH.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com