Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RKV604KP Datasheet(PDF) 2 Page - Renesas Technology Corp

Part # RKV604KP
Description  Variable Capacitance Diode for VCO
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RKV604KP Datasheet(HTML) 2 Page - Renesas Technology Corp

  RKV604KP Datasheet HTML 1Page - Renesas Technology Corp RKV604KP Datasheet HTML 2Page - Renesas Technology Corp RKV604KP Datasheet HTML 3Page - Renesas Technology Corp RKV604KP Datasheet HTML 4Page - Renesas Technology Corp RKV604KP Datasheet HTML 5Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
RKV604KP
Rev.2.00 Feb 05, 2007 page 2 of 2
Absolute Maximum Ratings
(Ta = 25
°C)
Item
Symbol
Value
Unit
Reverse voltage
VR
15
V
Junction temperature
Tj
125
°C
Storage temperature
Tstg
−55 to +125
°C
Electrical Characteristics
(Ta = 25
°C)
Item
Symbol
Min
Typ
Max
Unit
Test Condition
IR1
—
⎯
10
VR = 15 V
Reverse current
IR2
—
⎯
50
nA
VR = 15 V, Ta = 60°C
C1
2.35
⎯
2.70
VR = 1 V, f = 1 MHz
Capacitance
C3
1.22
⎯
1.42
pF
VR = 3 V, f = 1 MHz
Capacitance ratio
n
1.73
⎯
2.10
—
C1/C3
Series resistance
rS
—
⎯
0.70
Ω
VR = 1 V, f = 470 MHz
Note
: Please do not use the soldering iron due to avoid high stress to the MP6 package.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com