Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HIT647 Datasheet(PDF) 2 Page - Renesas Technology Corp

Part # HIT647
Description  Silicon PNP Epitaxial
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HIT647 Datasheet(HTML) 2 Page - Renesas Technology Corp

  HIT647 Datasheet HTML 1Page - Renesas Technology Corp HIT647 Datasheet HTML 2Page - Renesas Technology Corp HIT647 Datasheet HTML 3Page - Renesas Technology Corp HIT647 Datasheet HTML 4Page - Renesas Technology Corp HIT647 Datasheet HTML 5Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
HIT647
Rev.2.00 Mar 05, 2007 page 2 of 4
Electrical Characteristics
(Ta = 25°C)
Item
Symbol
Min
Typ
Max
Unit
Test conditions
Collector to base breakdown voltage
V(BR)CBO
-120
—
—
V
IC = -100
µA, IE = 0
Collector to emitter breakdown voltage
V(BR)CEO
-100
—
—
V
IC = -10 mA, RBE = ∞
Emitter to base breakdown voltage
V(BR)EBO
-6
—
—
V
IE = -100
µA, IC = 0
Collector cutoff current
ICBO
—
—
-500
nA
VCB = -120 V, IE = 0
Emitter cutoff current
IEBO
—
—
-500
nA
VEB = -6 V, IC = 0
DC current transfer ratio
hFE1
140
—
350
—
VCE = -2 V, IC = -150 mA
hFE2
40
—
—
—
VCE = -5 V, IC = -1 A
Collector to emitter saturation voltage
VCE(sat)
—
—
-0.5
V
IC = -500 mA, IB = -50 mA
Base to emitter saturation voltage
VBE(sat)
—
—
-1.1
V
IC = -500 mA, IB = -50 mA



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com