Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DS96F174 Datasheet(PDF) 5 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DS96F174
Description  RS-485 COMPARABLE QUAD DIFFERENTIAL DRIVER
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DS96F174 Datasheet(HTML) 5 Page - National Semiconductor (TI)

  DS96F174 Datasheet HTML 1Page - National Semiconductor (TI) DS96F174 Datasheet HTML 2Page - National Semiconductor (TI) DS96F174 Datasheet HTML 3Page - National Semiconductor (TI) DS96F174 Datasheet HTML 4Page - National Semiconductor (TI) DS96F174 Datasheet HTML 5Page - National Semiconductor (TI) DS96F174 Datasheet HTML 6Page - National Semiconductor (TI) DS96F174 Datasheet HTML 7Page - National Semiconductor (TI) DS96F174 Datasheet HTML 8Page - National Semiconductor (TI) DS96F174 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
MNDS96F174M-X REV 1B0
MICROCIRCUIT DATA SHEET
Electrical Characteristics
(Continued)
(The following conditions apply to all the following parameters, unless otherwise specified.)
DC:
VCC = 5.5V
AC:
VCC = 5.0V
SYMBOL
PARAMETER
CONDITIONS
NOTES
PIN-
NAME
MIN
MAX
UNIT
SUB-
GROUPS
IOS (1)
Short Circuit
Output Current
VO = -7V
2
-250
mA
1, 2,
3
IOS (2)
Short Circuit
Output Current
VO = 0V
2
-150
mA
1, 2,
3
IOS (3)
Short Circuit
Output Current
VO = VCC
2
150
mA
1, 2,
3
IOS (4)
Short Circuit
Output Current
VO = 12V
2
250
mA
1, 2,
3
tPLH
Propagation Delay
Lo to Hi level
RL = 27 ohms, CL = 15pF
25
ns
10, 11
16
ns
9
tPHL
Propagation Delay
Hi to Low
Level
RL = 27 ohms, CL = 15pF
25
ns
10, 11
16
ns
9
SKEW
Output to Output
Delay Time
RL = 60 ohms
10
ns
10, 11
4ns
9
tLZ
Output Disable
Time From Low
Level
RL = 110 ohms, CL = 50pF
40
ns
10, 11
25
ns
9
tHZ
Output Disable
Time From High
Level
RL = 110 ohms, CL = 50pF
80
ns
10, 11
30
ns
9
tZL
Output Enable
Time to Low
Level
RL = 110 ohms, CL = 50pF
100
ns
10, 11
40
ns
9
tZH
Output Enable
Time to High
Level
RL = 110 ohms, CL = 50pF
40
ns
10, 11
32
ns
9
tDD
Differential
Output Delay Time
RL = 60 ohms, CL = 15pF
30
ns
10, 11
22
ns
9
tTD
Differential
Output Transition
Time
RL = 60 ohms, CL = 15pF
40
ns
10, 11
22
ns
9
Note 1:
-55 C limit exceeds EIA standard RS-485 specification.
Note 2:
.2uF cap is connected between the output and GND to reduce oscilation.
5



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com