Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LCBCRBP.01 Datasheet(PDF) 5 Page - OSRAM GmbH

Part # LCBCRBP.01
Description  The OSLON® Signal combines a compact form factor with high efficiency and electrically insulated thermal pad.
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

LCBCRBP.01 Datasheet(HTML) 5 Page - OSRAM GmbH

  LCBCRBP.01 Datasheet HTML 1Page - OSRAM GmbH LCBCRBP.01 Datasheet HTML 2Page - OSRAM GmbH LCBCRBP.01 Datasheet HTML 3Page - OSRAM GmbH LCBCRBP.01 Datasheet HTML 4Page - OSRAM GmbH LCBCRBP.01 Datasheet HTML 5Page - OSRAM GmbH LCBCRBP.01 Datasheet HTML 6Page - OSRAM GmbH LCBCRBP.01 Datasheet HTML 7Page - OSRAM GmbH LCBCRBP.01 Datasheet HTML 8Page - OSRAM GmbH LCBCRBP.01 Datasheet HTML 9Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 24 page
background image
LCB CRBP.01
DATASHEET
DATASHEET
5 | Version 1.1 | 2023-02-01
Characteristics
I
F = 350 mA; TS = 25 °C
Parameter
Symbol
Values
Chromaticity Coordinate 2)
Cx
Cy
typ.
typ.
0.16
0.12
Viewing angle at 50% I
V
2φ
typ.
125 °
Forward Voltage 3)
I
F = 350 mA
V
F
min.
typ.
max.
2.65 V
2.90 V
3.25 V
Reverse voltage (ESD device)
V
R ESD
min.
5 V
Reverse voltage 4)
I
R = 5 mA
V
R
max.
7 V
Real thermal resistance junction/solderpoint 5)
R
thJS real
typ.
max.
9.4 K / W
11.2 K / W
Electrical thermal resistance junction/solderpoint 5)
with efficiency η
e = 62.4 %
R
thJS elec.
typ.
max.
3.5 K / W
4.2 K / W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com