Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LEBP1MQ Datasheet(PDF) 14 Page - OSRAM GmbH

Part # LEBP1MQ
Description  OSRAM OSTAR Projection Power is a high luminance LED for projection applications.
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

LEBP1MQ Datasheet(HTML) 14 Page - OSRAM GmbH

Back Button LEBP1MQ Datasheet HTML 10Page - OSRAM GmbH LEBP1MQ Datasheet HTML 11Page - OSRAM GmbH LEBP1MQ Datasheet HTML 12Page - OSRAM GmbH LEBP1MQ Datasheet HTML 13Page - OSRAM GmbH LEBP1MQ Datasheet HTML 14Page - OSRAM GmbH LEBP1MQ Datasheet HTML 15Page - OSRAM GmbH LEBP1MQ Datasheet HTML 16Page - OSRAM GmbH LEBP1MQ Datasheet HTML 17Page - OSRAM GmbH LEBP1MQ Datasheet HTML 18Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 21 page
background image
LE B P1MQ
14 Version 1.3 | 2021-04-07
Schematic Transportation Box 7)
OHA02886
10
11
2100
2199
8
0
2
4 5
Barcode label
Original packing label
Box
Dimensions of Transportation Box
Width
Length
Height
333 ± 5 mm
218 ±5 mm
28 ± 5 mm
337 ± 5 mm
218 ±5 mm
63 ± 5 mm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com