Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADA4857-2YCPZ-R2 Datasheet(PDF) 9 Page - Analog Devices

Part # ADA4857-2YCPZ-R2
Description  Ultralow Distortion, Low Power, Low Noise, High Speed Op Amp
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4857-2YCPZ-R2 Datasheet(HTML) 9 Page - Analog Devices

Back Button ADA4857-2YCPZ-R2 Datasheet HTML 5Page - Analog Devices ADA4857-2YCPZ-R2 Datasheet HTML 6Page - Analog Devices ADA4857-2YCPZ-R2 Datasheet HTML 7Page - Analog Devices ADA4857-2YCPZ-R2 Datasheet HTML 8Page - Analog Devices ADA4857-2YCPZ-R2 Datasheet HTML 9Page - Analog Devices ADA4857-2YCPZ-R2 Datasheet HTML 10Page - Analog Devices ADA4857-2YCPZ-R2 Datasheet HTML 11Page - Analog Devices ADA4857-2YCPZ-R2 Datasheet HTML 12Page - Analog Devices ADA4857-2YCPZ-R2 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 21 page
background image
Data Sheet
ADA4857-1/ADA4857-2
Rev. D | Page 9 of 21
TYPICAL PERFORMANCE CHARACTERISTICS
T = 25°C, G = +1, RF = 0 Ω, and, RG open, RS = 100 Ω for SOIC, (for G = +2, RF = RG = 499 Ω), unless otherwise noted.
Figure 8. Small Signal Frequency Responses for Various Gains (LFCSP)
Figure 9. Small Signal Frequency Response for Various Supply Voltages (LFCSP)
Figure 10. Small Signal Frequency Response for Various Temperatures (LFCSP)
Figure 11. Large Signal Frequency Responses for Various Gains (LFCSP)
Figure 12. Small Signal Frequency Response for Various Capacitive Loads (LFCSP)
Figure 13. Large Signal Frequency Response vs. VOUT (LFCSP)
–10
–9
–8
–7
–6
–5
–4
–3
–2
–1
0
1
2
3
1
10
100
1000
FREQUENCY (MHz)
G = +1
G = +2
G = +5
G = +10
VS = ±5V
RL = 1kΩ
VOUT = 0.2V p-p
–10
–9
–8
–7
–6
–5
–4
–3
–2
–1
0
1
2
3
1
10
100
1000
FREQUENCY (MHz)
G = +1
RL = 1kΩ
VOUT = 0.2V p-p
±5V
+5V
–10
–9
–8
–7
–6
–5
–4
–3
–2
–1
0
1
2
3
1
10
100
1000
FREQUENCY (MHz)
–40°C
+125°C
+25°C
G = +1
VS = ±5V
RL = 1kΩ
VOUT = 0.2V p-p
–10
–9
–8
–7
–6
–5
–4
–3
–2
–1
0
1
2
3
1
10
100
1000
FREQUENCY (MHz)
G = +1
G = +2
G = +10
VS = ±5V
RL = 1kΩ
VOUT = 2V p-p
G = +5
1
10
100
1000
FREQUENCY (MHz)
NO CAP LOAD
G = +2
VS = ±5V
RL = 1kΩ
VOUT = 0.2V p-p
–7
–6
–5
–4
–3
–2
–1
0
1
2
3
4
5
6
7
8
9
5pF
10pF
–10
–9
–8
–7
–6
–5
–4
–3
–2
–1
0
1
2
3
1
10
100
1000
FREQUENCY (MHz)
G = +1
VS = ±5V
RL = 100Ω
1V p-p
4V p-p



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com