Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MIC3000BML Datasheet(PDF) 6 Page - Micrel Semiconductor

Part # MIC3000BML
Description  SFP Management IC
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC3000BML Datasheet(HTML) 6 Page - Micrel Semiconductor

Back Button MIC3000BML Datasheet HTML 2Page - Micrel Semiconductor MIC3000BML Datasheet HTML 3Page - Micrel Semiconductor MIC3000BML Datasheet HTML 4Page - Micrel Semiconductor MIC3000BML Datasheet HTML 5Page - Micrel Semiconductor MIC3000BML Datasheet HTML 6Page - Micrel Semiconductor MIC3000BML Datasheet HTML 7Page - Micrel Semiconductor MIC3000BML Datasheet HTML 8Page - Micrel Semiconductor MIC3000BML Datasheet HTML 9Page - Micrel Semiconductor MIC3000BML Datasheet HTML 10Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 68 page
background image
MIC3000
Micrel
M9999-101204
6
October 2004
Pin Descriptions
Pin Number
Pin Name
Pin Function
11
TXDISABLE
Digital Input; Active High. The transmitter is disabled when this line is high or
the STXDIS bit is set. The state of this input is always reflected in the TXDIS
bit.
12
DATA
Digital I/O; Open-drain. Bi-directional serial data input/output.
13
CLK
Digital Input; Serial bit clock input.
14
VIN
If bit 4 (IE) in USRCTL register is set to 0 (default), this pin is configured as
analog input. If IE bit is set to 1, this pin is configured as open-drain output.
Analog Input: Multiplexed A/D input for monitoring supply voltage. 0V to
5.5V input range.
Open-drain output: outputs the internally generated interrupt signal /INT.
15
RSIN
Digital Input; Rate select input; ORed with rate select bit to determine the
state of the RSOUT pin. The state of this pin is always reflected in the RSEL
bit.
16
GNDD
Ground return for digital functions.
17
NC
No connection. This pin is used for test purposes and must be left uncon-
nected.
18
VDDD
Power supply input for digital functions.
19
RXLOS
Digital Output; Active-High/Open-Drain. Indicates the loss of the received
signal as indicated by a level of received optical power below the pro-
grammed RXLOS comparator threshold; may be wire-ORed with external
signals. Low indicates normal operation. The LOS bit reflects the state of
RXLOS whether driven by the MIC3000 or an external circuit.
20
RSOUT
Digital Output. Open-Drain. This output is controlled by the SRSEL bit ORed
with RSIN input and is open drain only.
21
COMP
Analog Output, compensation terminal. Connect a capacitor between this pin
and GNDA or VDDA with appropriate value to tune the APC loop time
constant to a desirable value.
22
VBIAS
Analog Output. Buffered DAC output capable of sourcing or sinking up to
10mA under control of the APC function to drive an external transistor for
laser diode D.C. bias. The output and feedback polarity are programmable to
accommodate either a NPN or an PNP transistor to drive a common anode
or common-cathode laser diode.
23
VMOD–
Analog Input. Inverting terminal of VMOD buffer op-amp. Connect to V
MOD+
(gain = 1) or feedback resistors network to set a different gain
24
VMOD+
Analog Output. Buffered DAC output to set the modulation current on the
laser driver IC. Operates with either a 0– VREF or a (VDD–VREF) – VDD
output swing so as to generate either a ground-referenced or a VDD refer-
enced programmed voltage. A simple external circuit can be used to
generate a programmable current for those drivers that require a current
rather than a voltage input. See “Applications Information” section for more
details.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com