Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MICRF213 Datasheet(PDF) 2 Page - Micrel Semiconductor

Part # MICRF213
Description  3.3V, QwikRadio짰 315MHz Receiver
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MICRF213 Datasheet(HTML) 2 Page - Micrel Semiconductor

  MICRF213 Datasheet HTML 1Page - Micrel Semiconductor MICRF213 Datasheet HTML 2Page - Micrel Semiconductor MICRF213 Datasheet HTML 3Page - Micrel Semiconductor MICRF213 Datasheet HTML 4Page - Micrel Semiconductor MICRF213 Datasheet HTML 5Page - Micrel Semiconductor MICRF213 Datasheet HTML 6Page - Micrel Semiconductor MICRF213 Datasheet HTML 7Page - Micrel Semiconductor MICRF213 Datasheet HTML 8Page - Micrel Semiconductor MICRF213 Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
Micrel, Inc.
MICRF213
May 2007
2
M9999-052307-A
(408) 944-0800
Pin Configuration
1
RO1
GNDRF
ANT
GNDRF
VDD
SQ
SEL0
SHDN
16 RO2
NC
RSSI
CAGC
CTH
SEL1
DO
GND
15
14
13
12
11
10
9
2
3
4
5
6
7
8
MICRF213AYQS
Pin Description
16-Pin
QSOP
Pin
Name
Pin Function
1
RO1
Reference resonator input connection to Colpitts oscillator stage. May also be driven by external reference
signal of 1.5V p-p amplitude maximum.
2
GNDRF
Negative supply connection associated with ANT RF input.
3
ANT
RF signal input from antenna. Internally AC-coupled. It is recommended that a matching network with an
inductor-to-RF ground is used to improve ESD protection.
4
GNDRF
Negative supply connection associated with ANT RF input.
5
VDD
Positive supply connection for all chip functions.
6
SQ
Squelch control logic input with an active internal pull-up when not shut down.
7
SEL0
Logic control input with active internal pull-up. Used in conjunction with SEL1 to control the demodulator low
pass filter bandwidth. (See filter table for SEL0 and SEL1 in application section)
8
SHDN
Shutdown logic control input. Active internal pull-up.
9
GND
Negative supply connection for all chip functions except RF input.
10
DO
Demodulated data output.
11
SEL1
Logic control input with active internal pull-up. Used in conjunction with SEL0 to control the demodulator low
pass filter bandwidth. (See filter table for SEL0 and SEL1 in application subsection)
12
CTH
Demodulation threshold voltage integration capacitor connection. Tie an external capacitor across CTH pin
and GND to set the settling time for the demodulation data slicing level. Values above 1nF are
recommended and should be optimized for data rate and data profile.
13
CAGC
AGC filter capacitor connection. CAGC capacitor, normally greater than 0.47uF, is connected from this pin to
GND
14
RSSI
Received signal strength indication output. Output is from a buffer with 200 ohms typical output impedance.
15
NC
Not Connected (Connect to Ground)
16
RO2
Reference resonator input connection to Colpitts oscillator stage, 7pF, in parallel with low resistance MOS
switch-to-GND, during normal operation. Driven by startup excitation circuit during the internal startup control
sequence.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com