Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

7614/6 Datasheet(PDF) 1 Page - Alpha Wire

Part # 7614/6
Description  14 (7/.0242) AWG Bare Copper
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALPHAWIRE [Alpha Wire]
Direct Link  http://www.alphawire.com
Logo ALPHAWIRE - Alpha Wire

7614/6 Datasheet(HTML) 1 Page - Alpha Wire

  7614/6 Datasheet HTML 1Page - Alpha Wire 7614/6 Datasheet HTML 2Page - Alpha Wire 7614/6 Datasheet HTML 3Page - Alpha Wire 7614/6 Datasheet HTML 4Page - Alpha Wire  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
2200 US Highway 27 South
Richmond, IN 47374
Tel: 1-800-52 ALPHA
Web: www.alphawire.com
Customer Specification
PART NO. 7614/6
Construction
 
Diameters (In)
1) Component 1
6 X 1 COND
 
a) Conductor
14 (7/.0242) AWG Bare Copper
0.073
b) Insulation
0.016" Wall, Nom. PVC/ 0.005" Wall NYLON
0.115
(1) Print
ALPHANUMERIC NUMBERS - 1-ONE ALTERNATING AND
INVERTED
(2) Color Code
Alpha Wire Color Code J1
Cond Color
Cond Color
Cond Color
1
BLACK #1 3
BLUE #3
5
YELLOW
#5
2
RED #2
4
ORANGE
#4
6
BROWN
#6
2) Cable Assembly
6 Components Cabled
 
a) Twists:
2.4 Twists/foot (min)
 
b) Orientation:
Components to be arranged from INSIDE LAYER to
OUTSIDE LAYER
 
3) Shield:
Alum/Mylar Tape, 25% Overlap, Min.
 
a) Foil Direction
Foil Facing In
 
b) Drain Wire
14 (7/.0242) AWG Tinned Copper
 
4) Jacket
0.048" Wall, Nom.,PVC
0.447 (0.468 Max.)
a) Color(s)
BLACK
b) Print
ALPHA WIRE-* P/N 7614/6 6C 14 AWG
(UL) TYPE TC 600V 90C DRY 75C WET SHIELDED
SUN RES DIR BUR CE ROHS
* = Factory Code
Applicable Specifications
1) UL
TC
90°C / 600 VRMS
 
SUN RES
 
 
DIRECT BURIAL
 
2) CE:
EU Low Voltage Directive 2014/35/EU


Similar Part No. - 7614/6

ManufacturerPart #DatasheetDescription
logo
3M Electronics
7614-5002BL 3M-7614-5002BL Datasheet
40Kb / 2P
Standard socket/header V low profile header right angle type
7614-5002PL 3M-7614-5002PL Datasheet
40Kb / 2P
Standard socket/header V low profile header right angle type
logo
Renesas Technology Corp
7614-6002 RENESAS-7614-6002 Datasheet
768Kb / 36P
E2 emulator Lite RTE0T0002LKCE00000R User’s Manual
Rev.3.00 May 2020
logo
Clarke International
7614020 CLARKE-7614020 Datasheet
2Mb / 16P
10 TONNE HYDRAULIC BENCH PRESS
DL1025
7614025 CLARKE-7614025 Datasheet
3Mb / 16P
10 TONNE HYDRAULIC PRESS
DL1022 R2
More results

Similar Description - 7614/6

ManufacturerPart #DatasheetDescription
logo
General Cable Technolog...
C50254101 GENERAL-C50254101 Datasheet
72Kb / 3P
C5025, Coaxial Cable, RG11/U Type, 14 AWG Solid Copper Clad Steel, 97% Bare Copper Braid
C9209A GENERAL-C9209A Datasheet
69Kb / 1P
#22 AWG 7/30 Tinned Copper
logo
List of Unclassifed Man...
1344803 ETC2-1344803 Datasheet
109Kb / 4P
24 AWG Solid Bare Copper Conductors, Polyolefin Insulation
1345253 ETC2-1345253 Datasheet
101Kb / 3P
23 AWG Solid .023 bare copper or bare copper-covered steel conductor, polyethylene insulation
1345263 ETC2-1345263 Datasheet
106Kb / 4P
24 AWG Solid Bare Copper Conductors, Polyolefin Insulation
1346109 ETC2-1346109 Datasheet
99Kb / 3P
18 AWG bare copper conductor, foam polyethylene insulation
1347027 ETC2-1347027 Datasheet
102Kb / 3P
Series 6, 18 AWG solid .040 bare copper or bare copper-covered steel conductor
1348449 ETC2-1348449 Datasheet
108Kb / 4P
24 AWG Bonded-Pairs solid bare copper conductors
1682749 ETC2-1682749 Datasheet
97Kb / 2P
24 AWG solid bare copper conductors, twisted pair, PVC insulation
1300SB ETC2-1300SB Datasheet
109Kb / 3P
24 AWG solid bare copper conductors, polypropylene insulation
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com