Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DCS-7280SR-48C6-R Datasheet(PDF) 8 Page - Arista Networks, Inc

Part # DCS-7280SR-48C6-R
Description  Data Center Switch Router
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ARISTA [Arista Networks, Inc]
Direct Link  https://www.arista.com/en/
Logo ARISTA - Arista Networks, Inc

DCS-7280SR-48C6-R Datasheet(HTML) 8 Page - Arista Networks, Inc

Back Button DCS-7280SR-48C6-R Datasheet HTML 4Page - Arista Networks, Inc DCS-7280SR-48C6-R Datasheet HTML 5Page - Arista Networks, Inc DCS-7280SR-48C6-R Datasheet HTML 6Page - Arista Networks, Inc DCS-7280SR-48C6-R Datasheet HTML 7Page - Arista Networks, Inc DCS-7280SR-48C6-R Datasheet HTML 8Page - Arista Networks, Inc DCS-7280SR-48C6-R Datasheet HTML 9Page - Arista Networks, Inc DCS-7280SR-48C6-R Datasheet HTML 10Page - Arista Networks, Inc DCS-7280SR-48C6-R Datasheet HTML 11Page - Arista Networks, Inc DCS-7280SR-48C6-R Datasheet HTML 12Page - Arista Networks, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
7280RA and 7280R2 | Technical Speci cations
Model
Comparison
7280QRA-C36S E
7280SR2-48YC6 E
7280SR2A-48YC6 E
7280SRA-48C6 E
7280TRA-48C6 E
Ports
36 x QSFP
(24x QSFP+ and
12x QSFP100)
48 x SFP25
6 x QSFP100
48 x SFP25
6 x QSFP100
48 x SFP+
6 x QSFP100
48 x 10G-T
6 x QSFP100
Max 100GbE Ports
12
6
6
6
6
Max 50GbE Ports
24
12
12
12
12
Max 40GbE Ports
36
6
6
6
6
Max 25GbE Ports
48
72
72
24
24
Max 10GbE Ports
120
72
72
72
72 (100Mb-10Gb)
Throughput (fd)
3.84 Tbps
3.6 Tbps
3.6 Tbps
2.16 Tbps
2.16 Tbps
Packets/Second
1.44 Bpps
1.67 Bpps
1.67 Bpps
720 Mpps
720 Mpps
Latency
From 3.8 us
From 3.8 us
From 3.8 us
From 3.8 us
From 3.8 us
CPU
Quad-Core x86
Quad-Core x86
Quad-Core x86
Quad-Core x86
Quad-Core x86
System Memory
8 GB
(32 GB optional)
8 GB
(32 GB optional)
8 GB
(32 GB optional)
8 GB
(32 GB optional)
8 GB
(32 GB optional)
Packet Bu er Memory
8 GB
8 GB
8 GB
4 GB
4 GB
USB Ports
2
Flash Storage Memory
4 GB
SSD Storage Option
Yes
100/1000 Mgmt Ports
1
RS-232 Serial Ports
1 (RJ-45)
Hot-swap Power
2 (1+1 redundant)
Hot-swap Fans
4 (N+1 redundant)
Reversible Air ow
Yes
Yes
Yes
Yes
Yes
Rack Units
1 U
1 U
1 U
1 U
1 U
Size (WxHxD)
19 x 1.75 x20.6”
(48.3 x 4.4 x52.3cm)
19 x 1.75 x20.6”
(48.3 x 4.4 x52.3cm)
19 x 1.75 x20.6”
(48.3 x 4.4 x52.3cm)
19 x 1.75 x16”
(48.3 x 4.4 x40.6cm)
19 x 1.75 x16”
(48.3 x 4.4 x40.6cm)
Typical/Max Power
Draw 1
419W / 570W
425W / 647W
450W / 685W
313W / 410W
290W / 405W
Weight
23.6lbs (10.7kg)
22.9lbs (10.4kg)
22.9lbs (10.4kg)
19.6lbs (8.9kg)
22.2lbs (10.1kg)
NEBS
Yes
Yes
Yes
Yes
No
Fan Tray
FAN-7000H-F/R
FAN-7000H-F/R
FAN-7000H-F/R
FAN-7000H-F/R
FAN-7000H-F/R
Power Supplies
747W AC
1900W DC
747W AC
1900W DC
747W AC
1900W DC
500W AC
500W DC
500W AC
500W DC
AlgoMatch
Yes
No
Yes
Yes
Yes
Accelerated sFlow
No
No
Yes
No
No
EOS Feature License
Group 2
Group 2
Group 2
Group 2
Group 2
Minimum EOS
4.19.0
4.18.3
4.19.0
4.19.0
4.19.0
1. Typical power consumption measured at 25C ambient with 50% load on all ports
E. Product is subject to an End of Sale notice



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com