Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD8667ARMZ Datasheet(PDF) 7 Page - Analog Devices

Part # AD8667ARMZ
Description  Low Noise, Precision, 16 V, CMOS, Rail-to-Rail Operational Amplifiers
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8667ARMZ Datasheet(HTML) 7 Page - Analog Devices

Back Button AD8667ARMZ Datasheet HTML 3Page - Analog Devices AD8667ARMZ Datasheet HTML 4Page - Analog Devices AD8667ARMZ Datasheet HTML 5Page - Analog Devices AD8667ARMZ Datasheet HTML 6Page - Analog Devices AD8667ARMZ Datasheet HTML 7Page - Analog Devices AD8667ARMZ Datasheet HTML 8Page - Analog Devices AD8667ARMZ Datasheet HTML 9Page - Analog Devices AD8667ARMZ Datasheet HTML 10Page - Analog Devices AD8667ARMZ Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 15 page
background image
Data Sheet
AD8663/AD8667/AD8669
Rev. D | Page 7 of 15
100
0
0.5
4.5
VCM (V)
1.0
1.5
2.0
2.5
3.0
3.5
4.0
80
60
40
20
VSY = 5V
TA = 125°C
Figure 11. Input Bias Current vs. Common-Mode Voltage at 125°C
100
100
FREQUENCY (Hz)
1k
10k
100k
1M
10M
90
80
70
60
50
40
30
20
VSY = 5V
TA = 25°C
Figure 12. CMRR vs. Frequency, VSY = 5 V
10000
0.1
0.001
10
LOAD CURRENT (mA)
0.01
0.1
1
1
10
100
1000
VOL SINKING
VSY = 5V
TA = 25°C
VSY – VOH SOURCING
Figure 13. Output Swing Saturation Voltage vs. Load Current
100
0.5
VCM (V)
2.5
4.5
6.5
8.5
10.5
12.5
14.5
80
60
40
20
0
VSY = 16V
TA = 125°C
Figure 14. Input Bias Current vs. Common-Mode Voltage at 125°C
100
100
FREQUENCY (Hz)
1k
10k
100k
1M
10M
90
80
70
60
50
40
30
20
VSY = 16V
TA = 25°C
Figure 15. CMRR vs. Frequency, VSY = 16 V
10000
0.1
0.001
100
LOAD CURRENT (mA)
1
10
100
1000
0.01
0.1
1
10
VSY = 16V
TA = 25°C
VOL SINKING
VSY – VOH SOURCING
Figure 16. Output Swing Saturation Voltage vs. Load Current



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com