Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADA4853-1AKSZ-R7 Datasheet(PDF) 6 Page - Analog Devices

Part # ADA4853-1AKSZ-R7
Description  Low Power, Rail-to-Rail Output, Video Op Amps with Ultralow Power
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4853-1AKSZ-R7 Datasheet(HTML) 6 Page - Analog Devices

Back Button ADA4853-1AKSZ-R7 Datasheet HTML 2Page - Analog Devices ADA4853-1AKSZ-R7 Datasheet HTML 3Page - Analog Devices ADA4853-1AKSZ-R7 Datasheet HTML 4Page - Analog Devices ADA4853-1AKSZ-R7 Datasheet HTML 5Page - Analog Devices ADA4853-1AKSZ-R7 Datasheet HTML 6Page - Analog Devices ADA4853-1AKSZ-R7 Datasheet HTML 7Page - Analog Devices ADA4853-1AKSZ-R7 Datasheet HTML 8Page - Analog Devices ADA4853-1AKSZ-R7 Datasheet HTML 9Page - Analog Devices ADA4853-1AKSZ-R7 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
ADA4853-1/ADA4853-2/ADA4853-3
Data Sheet
Parameter
Conditions
Min
Typ
Max
Unit
POWER SUPPLY
Operating Range
2.65
5
V
Quiescent Current/Amplifier
1.4
1.8
mA
ADA4853-3W only: TMIN to TMAX
1.8
mA
Quiescent Current (Disabled)/Amplifier
DISABLE = 0 V
0.1
1.5
µA
DISABLE = 0 V, ADA4853-3W only: TMIN to
TMAX
1.5
µA
Positive Power Supply Rejection
+VS = +2.5 V to +3.5 V, −VS = −2.5 V
−75
−80
dB
ADA4853-3W only: TMIN to TMAX
−72
Negative Power Supply Rejection
−VS = −2.5 V to −3.5 V, +VS = +2.5 V
−75
−80
dB
ADA4853-3W only: TMIN to TMAX
−72
dB
Rev. G | Page 6 of 20



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com