Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC6255CS6TRMPBF Datasheet(PDF) 2 Page - Analog Devices

Part # LTC6255CS6TRMPBF
Description  6.5MHz, 65μA Power Efficient Rail-to-Rail I/O Op Amps
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC6255CS6TRMPBF Datasheet(HTML) 2 Page - Analog Devices

  LTC6255CS6TRMPBF Datasheet HTML 1Page - Analog Devices LTC6255CS6TRMPBF Datasheet HTML 2Page - Analog Devices LTC6255CS6TRMPBF Datasheet HTML 3Page - Analog Devices LTC6255CS6TRMPBF Datasheet HTML 4Page - Analog Devices LTC6255CS6TRMPBF Datasheet HTML 5Page - Analog Devices LTC6255CS6TRMPBF Datasheet HTML 6Page - Analog Devices LTC6255CS6TRMPBF Datasheet HTML 7Page - Analog Devices LTC6255CS6TRMPBF Datasheet HTML 8Page - Analog Devices LTC6255CS6TRMPBF Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 26 page
background image
LTC6255/LTC6256/LTC6257
2
Rev E
For more information www.analog.com
ABSOLUTE MAXIMUM RATINGS
Supply Voltage: V+ – V– ...........................................5.5V
Input Voltage ................................... V– – 0.2 to V+ + 0.2
Input Current: +IN, –IN, SHDN (Note 2) ............... ±10mA
Output Current: OUT ........................................... ±20mA
Output Short-Circuit Duration (Note 3) ............ Indefinite
Operating Temperature Range (Note 4)
LTC6255C/LTC6256C/LTC6257C.........–40°C to 85°C
LTC6255I/LTC6256I/LTC6257I ............–40°C to 85°C
LTC6255H/LTC6256H/LTC6257H ...... –40°C to 125°C
(Note 1)
TOP VIEW
KC PACKAGE
8-LEAD (2mm
× 2mm × 0.6mm) PLASTIC UTDFN
5
6
7
8
9
V–
4
3
2
1
OUTA
–INA
+INA
V–
V+
OUTB
–INB
+INB
TJMAX = 125°C, qJA = 89°C/W (NOTE 6)
EXPOSED PAD (PIN 9) IS V–, MUST BE SOLDERED TO PCB
OBSOLETE PACKAGE
1
2
3
6
5
4
TOP VIEW
S6 PACKAGE
6-LEAD PLASTIC TSOT-23
TJMAX = 150°C, θJA = 192°C/W (NOTE 6)
V+
SHDN
–IN
OUT
V–
+IN
1
2
3
4
8
7
6
5
TOP VIEW
TS8 PACKAGE
8-LEAD PLASTIC TSOT-23
TJMAX = 150°C, θJA = 195°C/W (NOTE 6)
V+
OUTB
–INB
+INB
OUTA
–INA
+INA
V–
1
2
3
4
OUTA
–INA
+INA
V–
8
7
6
5
V+
OUTB
–INB
+INB
TOP VIEW
MS8 PACKAGE
8-LEAD PLASTIC MSOP
TJMAX = 150°C, θJA = 163°C/W (NOTE 6)
1
2
3
4
5
OUTA
–INA
+INA
V–
SHDNA
10
9
8
7
6
V+
OUTB
–INB
+INB
SHDNB
TOP VIEW
MS PACKAGE
10-LEAD PLASTIC MSOP
TJMAX = 150°C, θJA = 160°C/W (NOTE 6)
1
2
3
4
5
6
7
8
OUTA
–INA
+INA
V+
+INB
–INB
OUTB
NC
16
15
14
13
12
11
10
9
OUTD
–IND
+IND
V–
+INC
–INC
OUTC
NC
TOP VIEW
MS PACKAGE
16-LEAD PLASTIC MSOP
TJMAX = 150°C, θJA = 125°C/W (NOTE 6)
+
–
+
–
TOP VIEW
OUTA
–INA
+INA
V–
V+
OUTB
–INB
+INB
DC PACKAGE
8-LEAD (2mm × 2mm × 0.8mm) PLASTIC DFN
TJMAX = 125°C, θJA = 102°C/W (NOTE 6)
EXPOSED PAD (PIN 9) IS V–, MUST BE SOLDERED TO PCB
9
V–
4
1
2
3
6
5
7
8
TOP VIEW
OUT
–IN
SHDN
V+
+IN
V–
DC PACKAGE
6-LEAD (2mm × 2mm) PLASTIC DFN
TJMAX = 125°C, θJA = 102°C/W (NOTE 6)
EXPOSED PAD (PIN 7) IS V–, MUST BE SOLDERED TO PCB
4
5
7
V–
6
3
2
1
PIN CONFIGURATION
Specified Temperature Range (Note 5)
LTC6255C/LTC6256C/LTC6257C............. 0°C to 70°C
LTC6255I/LTC6256I/LTC6257I ............–40°C to 85°C
LTC6255H/LTC6256H/LTC6257H ...... –40°C to 125°C
Maximum Junction Temperature .......................... 150°C
Storage Temperature Range .................. –65°C to 150°C
Lead Temperature (Soldering, 10 sec)
S6, TS8, MS8, MS only.........................................300°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com