Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OP484S Datasheet(PDF) 3 Page - Analog Devices

Part # OP484S
Description  Precision, Rail to Rail Input and Output, Quad Operational Amplifier
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

OP484S Datasheet(HTML) 3 Page - Analog Devices

  OP484S Datasheet HTML 1Page - Analog Devices OP484S Datasheet HTML 2Page - Analog Devices OP484S Datasheet HTML 3Page - Analog Devices OP484S Datasheet HTML 4Page - Analog Devices OP484S Datasheet HTML 5Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
OP484S
ASD0012518 Rev. I | Page 3 of 5
Table I - Dice Electrical Characteristics (Continued)
Parameter
Symbol
Conditions
1/
Limit
Min
Limit
Max
Units
VS = ±15V, VCM = 0V
Input Voltage Range
IVR
-15
+15
Common Mode Rejection Ratio
CMRR
VCM = IVR
80
dB
Power Supply Rejection Ratio
PSRR
VS = ±2V to ±18V
90
dB
Large Signal Voltage Gain
AVO
RL ≥ 2kΩ
VOUT = ±10V
150
V/mV
Supply Current 2/
ISY
VOUT = 0V
8
mA
Table I Notes:
1/
TA = 25
°C, unless otherwise specified.
2/
Guaranteed by VS = ±15V test.
3/
ISY limit = total all four amplifiers.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com