Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT6003 Datasheet(PDF) 32 Page - Analog Devices

Part # LT6003
Description  2μA Supply Current, Low IB, Zero-Drift Operational Amplifiers
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT6003 Datasheet(HTML) 32 Page - Analog Devices

Back Button LT6003 Datasheet HTML 24Page - Analog Devices LT6003 Datasheet HTML 25Page - Analog Devices LT6003 Datasheet HTML 26Page - Analog Devices LT6003 Datasheet HTML 27Page - Analog Devices LT6003 Datasheet HTML 28Page - Analog Devices LT6003 Datasheet HTML 29Page - Analog Devices LT6003 Datasheet HTML 30Page - Analog Devices LT6003 Datasheet HTML 31Page - Analog Devices LT6003 Datasheet HTML 32Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 32 / 32 page
background image
PART NUMBER
DESCRIPTION
COMMENTS
ADA4051-1/ADA4051-2 Micropower, Single/Dual, Zero-Drift Operational Amplifiers
7μA IS, 15μV VOS, 11.8V to 5.5V VS, 115kHz, RRIO
LTC2066/LTC2067/
LTC2068
Micropower, Low IB Single/Dual/Quad, Zero-Drift Op Amps 2μA IS, 5μV VOS, 1.7V to 5.25V VS, 20kHz, RRIO
LTC2054/LTC2055
Micropower, Single/Dual, Zero-Drift Operational Amplifier
130μA IS, 5μV VOS, 2.7V to 11 V VS, 500kHz, RR Output
ADA4522-1/ADA4522-2/
ADA4522-4
55V, Low Noise Zero-Drift Operational Amplifier
900μA IS, 5.8nV/√Hz, 5μV VOS, 4.5V to 55V VS, 3MHz, RR Output
LTC2057/LTC2057HV
High Voltage-Low Noise Zero-Drift Operational Amplifier
4μV VOS, 1.2mA IS, 4.75V to 60V VS, 1.5MHz, RR Output
LTC2058
36V, Low Noise Zero-Drift Operational Amplifier
5μV VOS, 1.2mA IS, 4.75V to 36V VS, 2.5MHz, RR Output
LTC2050/LTC2050HV
Zero-Drift Operational Amplifier
3μV VOS, 1.5mA IS, 2.7V to 12V VS, 3MHz, RR Output
LTC2051/LTC2052
Dual/Quad Zero-Drift Operational Amplifier
3μV VOS, 1.5mA IS, 2.7V to 12V VS, 3MHz, RR Output
ADA4528-1/ADA4528-2 5V Ultra Low Noise Zero-Drift Op Amps
5μV VOS, 5.6nV/√Hz, 1.7mA IS, 2.2V to 5.5V VS, 4MHz, RRIO
LT®1494/LT1495/
LT1496
1.5μA Max, Over-The-Top Precision Operational Amplifier
1.5μA IS, 375μV VOS, 2.2V to 36V VS, 2.7kHz, RRIO
LT6003/LT6004/LT6005 1.6V, 1μA Precision Rail-to-Rail Input and Output Op Amps 1μA IS, 500μV VOS, 1.6V to 16V VS, 2kHz, RRIO
LT6023
Micropower, Enhanced Slew Op Amp
20μA IS, 20μV VOS, 3V to 30V VS, 40kHz
LTC2053
Precision, Rail-to-Rail, Zero-Drift, PGIA
1.3mA IS, 10μV VOS, 2.7V to 12V VS, 200kHz, RRIO
LT5400
Quad Matched Resistor Network
0.01% Matching, 8ppm/°C Temp Drift , 0.2ppm/°C Temp Matching
LTC2063/LTC2064/LTC2065
32
Rev. C
For more information www.analog.com
ANALOG DEVICES, INC. 2017-2020
5/20
www.analog.com
TYPICAL APPLICATION
4CM COUNTER ELECTRODE (CE)
SELF-BIASES BELOW WE POTENTIAL
VWE – VCE = –0.3V TO –0.4V TYPICAL
INPUT RANGE: 0ppm TO 500ppm CO
TYPICAL GAIN: 2.5mV/ppm CO
OUTPUT: 1.7V (TYP), 2.0V (MAX) AT 500ppm CO
4CM CARBON MONOXIDE SENSOR
CITY TECHNOLOGY
70nA/ppm CO TYPICAL
2063 TA07
2.5V
R3
35.7k
CE
RE
WE
C1
100nF
C2
100nF
R1
402k
R2
100k
2.5V
R4
1M
2.5V
4CM
2.5V
R5
35.7k
RBURDEN
5
R8
100k
R6
402k
C3
100nF
C4
100nF
C5
10µF
R7
100k
2.5V
OUT
J1
MMBFJ270
1/2 LTC2064
1/2 LTC2064
RELATED PARTS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com