Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT6004 Datasheet(PDF) 2 Page - Analog Devices

Part # LT6004
Description  2μA Supply Current, Low IB, Zero-Drift Operational Amplifiers
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT6004 Datasheet(HTML) 2 Page - Analog Devices

  LT6004 Datasheet HTML 1Page - Analog Devices LT6004 Datasheet HTML 2Page - Analog Devices LT6004 Datasheet HTML 3Page - Analog Devices LT6004 Datasheet HTML 4Page - Analog Devices LT6004 Datasheet HTML 5Page - Analog Devices LT6004 Datasheet HTML 6Page - Analog Devices LT6004 Datasheet HTML 7Page - Analog Devices LT6004 Datasheet HTML 8Page - Analog Devices LT6004 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 32 page
background image
LTC2063/LTC2064/LTC2065
2
Rev. C
For more information www.analog.com
PIN CONFIGURATION
ABSOLUTE MAXIMUM RATINGS
Total Supply Voltage (V+ to V–)................................5.5V
Differential Input Current (+IN to –IN) (Note 2).... ±10mA
Differential Input Voltage (+IN to –IN)......................5.5V
Input Voltage +IN, –IN, SHDN .(V–) – 0.3V to (V+) + 0.3V
Input Current +IN, –IN, SHDN (Note 2) ................ ±10mA
Output Short-Circuit Duration (Note 3).....Thermally Limited
(Note 1)
ORDER INFORMATION
LEAD FREE FINISH
TAPE AND REEL
PART MARKING*
PACKAGE DESCRIPTION
TEMPERATURE RANGE
LTC2063ISC6#TRMPBF
LTC2063ISC6#TRPBF
LGTX
6-Lead Plastic SC70
–40°C to 85°C
LTC2063HSC6#TRMPBF
LTC2063HSC6#TRPBF
LGTX
6-Lead Plastic SC70
–40°C to 125°C
LTC2063IS5#TRMPBF
LTC2063IS5#TRPBF
LTGTW
5-Lead Plastic TSOT-23
–40°C to 85°C
LTC2063HS5#TRMPBF
LTC2063HS5#TRPBF
LTGTW
5-Lead Plastic TSOT-23
–40°C to 125°C
LTC2064IMS8#PBF
LTC2064IMS8#TRPBF
LTHCX
8-Lead Plastic MSOP
–40°C to 85°C
LTC2064HMS8#PBF
LTC2064HMS8#TRPBF
LTHCX
8-Lead Plastic MSOP
–40°C to 125°C
LTC2064IDD#PBF
LTC2064IDD#TRPBF
LHCW
10-Lead (3mm × 3mm)Plastic DFN
–40°C to 85°C
LTC2064HDD#PBF
LTC2064HDD#TRPBF
LHCW
10-Lead (3mm × 3mm)Plastic DFN
–40°C to 125°C
Operating and Specified Temperature Range (Note 4)
LTC2063I/LTC2064I/LTC2065I ............–40°C to 85°C
LTC2063H/LTC2064H/LTC2065H...... –40°C to 125°C
Maximum Junction Temperature .......................... 150°C
Storage Temperature Range .................. –65°C to 150°C
LTC2063
LTC2064
LTC2065
+IN 1
V– 2
–IN 3
TOP VIEW
SC6 PACKAGE
6-LEAD PLASTIC SC70
θJA = 265°C/W (Note 5)
+
–
6 V+
5 SHDN
4 OUT
TOP VIEW
DD PACKAGE
10-LEAD (3mm × 3mm) PLASTIC DFN
θJA = 43°C/W, θJC = 5.5°C/W (Note 5)
EXPOSED PAD (PIN 11) IS CONNECTED TO V– (PIN 4)
(PCB CONNECTION OPTIONAL)
10
9
6
7
8
4
5
3
2
1
V+
OUTB
–INB
+INB
SHDN
OUTA
–INA
+INA
V–
NC
B
A
11
16 15 14 13
5 6 7 8
TOP VIEW
17
QFN16 PACKAGE
16-LEAD (3mm × 3mm) PLASTIC QFN
θJA = 68°C/W (NOTE 5)
EXPOSED PAD (PIN 17) MUST BE CONNECTED TO V– (PIN 10)
9
10
11
12
4
3
2
1
–INA
+INA
V+
+INB
–IND
+IND
V–
+INC
LTC2063
LTC2064
LTC2065
OUT 1
V– 2
TOP VIEW
S5 PACKAGE
5-LEAD PLASTIC TSOT-23
θJA = 215°C/W (Note 5)
+IN 3
5 V+
4 –IN
+
1
2
3
4
OUTA
–INA
+INA
V–
8
7
6
5
V+
OUTB
–INB
+INB
TOP VIEW
MS8 PACKAGE
8-LEAD PLASTIC MSOP
θJA = 163°C/W, θJC = 40°C/W (Note 5)
A
B
TSSOP14 PACKAGE
14-LEAD PLASTIC TSSOP
θJA = 100°C/W (NOTE 5)
1
2
3
4
5
6
7
TOP VIEW
14
13
12
11
10
9
8
OUTA
–INA
+INA
V+
+INB
–INB
OUTB
OUTD
–IND
+IND
V–
+INC
–INC
OUTC
A
D
B
C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com