Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT6002 Datasheet(PDF) 16 Page - Analog Devices

Part # LT6002
Description  6.5MHz, 65μA Power Efficient Rail-to-Rail I/O Op Amps
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT6002 Datasheet(HTML) 16 Page - Analog Devices

Back Button LT6002 Datasheet HTML 12Page - Analog Devices LT6002 Datasheet HTML 13Page - Analog Devices LT6002 Datasheet HTML 14Page - Analog Devices LT6002 Datasheet HTML 15Page - Analog Devices LT6002 Datasheet HTML 16Page - Analog Devices LT6002 Datasheet HTML 17Page - Analog Devices LT6002 Datasheet HTML 18Page - Analog Devices LT6002 Datasheet HTML 19Page - Analog Devices LT6002 Datasheet HTML 20Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 26 page
background image
LTC6255/LTC6256/LTC6257
16
Rev E
For more information www.analog.com
TYPICAL APPLICATIONS
When VIN is at 0V, the op amp supply current is nominally
65µA, but the 450µV maximum input offset may appear
across R3 inducing a 4.5mA current in the LED. Some ap-
plicationswantaguaranteedzeroLEDcurrentatVIN= 0,and
this is the purpose of RUP. RUP forces 5µA reverse current
through R5 creating a negative 1.2mV output offset at R3.
This guarantees a zero LED current, but note that the op
amp supply current rises from 65µA to a still respectable
650µA in this case due to internal protection circuitry for
the output stage. For reduced current, the LTC6255 can
be shut down, but the output becomes high impedance
and may leak high which will turn on the MOSFETs and
LED hard. Adding pull-down resistor RSD ensures that the
LTC6255 output goes low when shutting down.
Figure 6. LTC6255 Applied as a LED Current Driver with 2µs Rise Time
Figure 7. Time Domain Response Showing 2µs Rise Time. Top Waveform
Is VIN. Middle Waveform Is the 10mA to 1A Step Measured at R3, then the
0mA to 1A Step Showing Extra 2.7µs Delay When Recovering From 0mA
2µs Rise Time Analog 1A Pulsed LED Current Driver
ILED = VIN • 200mA/V
ILED
625567 F06
LTC6255
C1
220pF
Q1
Q1 TO Q3
MOSFETs
3
× 2N7000
LED
OSRAM
LRW5SM
* RSD GUARANTEES LED OFF WHEN OP AMP SHDN. OTHERWISE OPTIONAL.
** RUP FORCES LED COMPLETELY OFF WHEN VIN = 0. OTHERWISE OPTIONAL.
STANDBY SUPPLY CURRENT WITH VIN = 0: 65µA RUP OPEN
650µA RUP INSTALLED
10% TO 90% RISE TIME: 10mA TO 1A, 2µs
0mA TO 1A, ADD 2.7µs DELAY
Q2
Q3
VIN
5V
5V
5V
R1
9.76k
R4
51Ω
R2
200Ω
SHDN
RUP
1M**
R5
240Ω
RSD
100k*
R3
0.1Ω
100mW
625567 F07
10mA TO 1A
0mA TO 1A
(EXTRA DELAY)
VIN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com