Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KWCELMM2.TK Datasheet(PDF) 3 Page - OSRAM GmbH

Part # KWCELMM2.TK
Description  OSLON® Boost HM utilizes the high current capability of the latest chip generation in a special package for good thermal behaviour.
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

KWCELMM2.TK Datasheet(HTML) 3 Page - OSRAM GmbH

  KWCELMM2.TK Datasheet HTML 1Page - OSRAM GmbH KWCELMM2.TK Datasheet HTML 2Page - OSRAM GmbH KWCELMM2.TK Datasheet HTML 3Page - OSRAM GmbH KWCELMM2.TK Datasheet HTML 4Page - OSRAM GmbH KWCELMM2.TK Datasheet HTML 5Page - OSRAM GmbH KWCELMM2.TK Datasheet HTML 6Page - OSRAM GmbH KWCELMM2.TK Datasheet HTML 7Page - OSRAM GmbH KWCELMM2.TK Datasheet HTML 8Page - OSRAM GmbH KWCELMM2.TK Datasheet HTML 9Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 24 page
background image
KW CELMM2.TK
DATASHEET
DATASHEET
3 | Version 1.1 | 2024-06-14
Ordering Information
Type
Luminous Flux 1)
Ordering Code
I
F = 1200 mA
Φ
V
KW CELMM2.TK-S2S8-4L16M1
355 ... 510 lm
Q65113A5393
KW CELMM2.TK-S2S8-4L25M2
355 ... 510 lm
Q65113A5394
KW CELMM2.TK-S2S8-4L35M3
355 ... 510 lm
Q65113A5398



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com