Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PQ033ES3MXP Datasheet(PDF) 2 Page - Sharp Corporation

Part # PQ033ES3MXP
Description  Low Power-Loss Voltage Regulator
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

PQ033ES3MXP Datasheet(HTML) 2 Page - Sharp Corporation

  PQ033ES3MXP Datasheet HTML 1Page - Sharp Corporation PQ033ES3MXP Datasheet HTML 2Page - Sharp Corporation PQ033ES3MXP Datasheet HTML 3Page - Sharp Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
*4 Dropout voltage when output voltage lowers 0.1V from the voltage at Vin=Vo+1V.
As of September 2002
(Unless otherwise specified, Vin=Vo(TYP.)+1.0V, Io=30mA.Ta=25
°C)
D5-020903
2/2
Low Power-Loss Voltage Regulator
Electrical Characteristics
Unit
V
mV
mV
mV/
°C
dB
V
µA
Parameter
Output voltage
Load regulation
Line regulation
Temperature coefficient of output voltage
Ripple rejection
Dropout voltage
Quiescent current
Symbol
Vo
RegL
RegI
TcVo
RR
Vi-o
Iq
MAX.
160
20
-
-
0.7
650
TYP.
35
3.0
0.05
55
0.3
190
MIN.
-
-
-
-
-
-
Conditions
-
Io=5 mA to 300 mA
Vin=Vo(TYP.)+1V to
Vo(TYP.)+6V(MAX. 9V)
Io=10mA, Tj=-25 to +75
°C
-
Io=300 mA, Vin=*4
Io=0mA
Refer to the table below.
Output voltage
VO
–
V
3.234
4.900
3.3
5.0
3.366
5.100
(Vin=Vo(TYP.)+1.0V, Io=30mA.Ta=25
°C)
PQ033ES3MXP
PQ050ES3MXP
Output Voltage Line-up
Parameter
Symbol
Conditions
MIN.
TYP.
MAX.
Unit
PQ033ES3MXP
PQ050ES3MXP



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com