Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PI2574 Datasheet(PDF) 4 Page - HD MicroSystems, Ltd

Part # PI2574
Description  Polyimide
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HDMS [HD MicroSystems, Ltd]
Direct Link  https://www.hdmicrosystems.com/
Logo HDMS - HD MicroSystems, Ltd

PI2574 Datasheet(HTML) 4 Page - HD MicroSystems, Ltd

  PI2574 Datasheet HTML 1Page - HD MicroSystems, Ltd PI2574 Datasheet HTML 2Page - HD MicroSystems, Ltd PI2574 Datasheet HTML 3Page - HD MicroSystems, Ltd PI2574 Datasheet HTML 4Page - HD MicroSystems, Ltd  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
4
Solution Properties
PI 2525/PI 2574
PI 2555
Solids content (%)
25.0 +/-1.0
19.0 +/-1.0
Viscosity (Poise)
60 +/- 10.0
14.0 +/-2.0
Flash Point
93°C
60°C
Solvents (%)
N-Methyl-2-Pyrrolidone
100%
N-Methyl-2-Pyrrolidone
Aromatic Hydrocarbon
80%/20%±5%
Ash Content (%)
0.1 ppm max.
0.1 ppm max.
Chloride Content
2.0 ppm max.
2.0 ppm max.
Sodium Content
1.0 ppm max.
1.0 ppm max.
Potassium Content
0.5 ppm max.
0.5 ppm max.
Copper Content
0.5 ppm max.
0.5 ppm max.
Iron Content
1.0 ppm max.
1.0 ppm max.
Total Metals
10.0 ppm max.
10.0 ppm max.
Cured Film Properties
Tensile strength (kg/mm²)
13.1
Elongation (%)
10
Modulus (kg/mm²)
245
Stress (dynes/cm
2)
3.6 x 10
8
Moisture uptake (%)
2 - 3
Dielectric constant (at 1 kHz, 50% RH)
3.3
Dissipation factor
0.002
Dielectric strength (volts/mil)
4000
Volume resistivity (ohm-cm)
10
16
Surface resistivity
(ohm)
10
15
Coefficient of thermal expansion (ppm)
40
Coefficient of thermal conductivity (cal/(cm)(sec)(°C))
35 x 10
-5
Glass transition temperature
> 320°C
Decomposition temperature
550°C
Weight loss (% at 500°C, 120 min)
2.9
Specific heat (cal/g/°C)
0.26
Refractive index
1.70
United States
Japan
Europe
HD MicroSystems
HD MicroSystems, Ltd.
HD MicroSystems GmbH
250 Cheesequake Road
Nikkyohan Building 3F
Hugenottenallee 173-175
Parlin, NJ 08859-1241
4-25 Koraku 1-Chome, Bunkyo-ku
63263 Neu-Isenburg
800-346-5656 ext. 13, 14 (Phone)
Tokyo 112-0004, Japan
Germany
732-613-2502 (Fax)
81-3-3868-8124 (Phone)
49-6102-18-1823 (Phone)
81-3-3868-8126 (Fax)
49-6102-18-1824 (Fax)
10080 North Wolfe Road, SW3-200
Cupertino, CA 95014
800-346-5656 ext. 11 (Phone)
408-996-0508 (Fax)
Internet
www.hdmicrosystems.com
HD MicroSystems liability is expressly limited by HD MicroSystems’ Conditions of Sale shown on Seller’s price list or Buyer’s copy of Seller’s order
acknowledgement form (if used) and Seller’s invoice. All technical advice, recommendations and services are rendered by the Seller free of charge. While
based on data believed to be reliable, they are intended for use by skilled persons at their own risk. Seller assumes no responsibility to Buyer for events re-
sulting or damages incurred from their use. They are not to be taken as a license to operate under or intended to suggest infringement of any existing patent.
Caution: Do not use in medical applications involving permanent implantation in the human body.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com