Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PI2555 Datasheet(PDF) 3 Page - HD MicroSystems, Ltd

Part # PI2555
Description  Polyimide
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HDMS [HD MicroSystems, Ltd]
Direct Link  https://www.hdmicrosystems.com/
Logo HDMS - HD MicroSystems, Ltd

PI2555 Datasheet(HTML) 3 Page - HD MicroSystems, Ltd

  PI2555 Datasheet HTML 1Page - HD MicroSystems, Ltd PI2555 Datasheet HTML 2Page - HD MicroSystems, Ltd PI2555 Datasheet HTML 3Page - HD MicroSystems, Ltd PI2555 Datasheet HTML 4Page - HD MicroSystems, Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
3
When thicker polyimide layers need to be processed,
it is often beneficial to heat the developer to between
23°C and 25°C. This accelerates the dissolution of
the polyimide precursor while having minimal effect
on the solubility of the photoresist. In more extreme
situations, this may be coupled to a double puddle
process. The second puddle is used to develop only
the polyimide precursor layer. Once developed,
wafers may be held up to 8 hours before stripping the
resist.
Resist Strip
After developing, the photoresist needs to be stripped
off the polyimide precursor surface before curing.
This step is usually carried out on automated track
equipment to reduce surface contamination with
resist residue which may result if clean solvents are
not used. Resist solvent strippers are normally used.
Cure
The cure heating cycle imidizes the polyimide
precursor converting it to a polyimide and driving out
remaining solvent. This process requires elevated
temperatures and controlled environments to achieve
the best results. There is sufficient energy at 180°C
to complete the imidization of the polyimide, but
higher temperatures are required to completely drive
off solvents, thus achieving the ultimate electrical and
mechanical properties. A programmable high
temperature oven with typical nitrogen flow rate of 10
litres per minute is recommended for best results.
To activate the adhesion promoter, it is
recommended that the cure be carried out up until
200°C in air (min 50% RH). Above this temperature,
a nitrogen atmosphere should be used. The ramp
rates (up and down) should be low to avoid high
stress in the polyimide. The maximum cure
temperature may be higher than 200°C when the
coating is to be subjected to a high temperature
process after curing. In such cases, temperatures up
to 400°C have been used to ensure that there is no
outgassing during subsequent processes.
Storage/Shelf Life
Pyralin
® PI 2525 and PI 2555 are stable at
cleanroom temperatures (21°C) for about three
weeks with no significant change in properties.
When stored at -18°C, shelf-life is two years from
date of manufacture. PI 2574 should be used within
one week at room temperature and has a frozen
shelf life of one year. Moisture contamination is
detrimental to stability and must be avoided.
Containers should be brought to room temperature
before opening to avoid moisture condensation inside
the botttle.
Example of Typical
Process Conditions
Application of Adhesion Promoter
(not required for PI 2574)
(VM 652 or diluted VM 651)
Dispense on static substrate, 3 seconds
Hold for 20 seconds
Spin Dry for 30 Seconds
Apply Polyimide Precursor Coating
Dispense on static substrate
Spread at 500rpm for 5 seconds
Spin at final speed for 30 seconds
EBR / Backside rinse, 10 seconds
Spin Dry, 15 seconds
Hot plate bake at 120
oC for 30 seconds,
followed by 150
oC for 30 seconds.
Coat Photoresist
Dispense, 3 seconds
Spread at 500rpm for 5 seconds
Spin at final speed for 30 seconds
EBR / Backside rinse, 10 seconds
Spin Dry for 15 seconds.
Contact hot plate bake at 90
oC for 60
seconds
Expose Photoresist – 50mj to 150mj
Develop Photoresist / Polyimide Etch
Developer: TMAH, DE-1000, KOH or NaOH
Rinse: DI water
Double Puddle Development Process:
Spray (100rpm)
5 seconds
Puddle
20 seconds
Spray (100rpm)
5 seconds
Puddle
20 seconds
Rinse (1000rpm)
15 seconds
Spin Dry (5000rpm)
15 seconds
Resist Strip
Stripper: PGMEA, acetone, N-Butlyacetate
Spray (100rpm)
5 seconds
Puddle
20 seconds
Spray (100rpm)
5 seconds
Puddle
20 seconds
Spin Dry (5000rpm)
15 seconds
Polyimide Cure (in Nitrogen)
Heat from RT to 200
oC, ramp rate 4oC/min
Hold 200
oC, 30 minutes
Heat to 300
oC, ramp rate 2.5oC/min
Hold at 300
oC for 60 minutes
Gradual cooling to RT



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com