Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MCP1701A Datasheet(PDF) 14 Page - Microchip Technology

Part # MCP1701A
Description  2關A Low-Dropout Positive Voltage Regulator
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP1701A Datasheet(HTML) 14 Page - Microchip Technology

Back Button MCP1701A Datasheet HTML 10Page - Microchip Technology MCP1701A Datasheet HTML 11Page - Microchip Technology MCP1701A Datasheet HTML 12Page - Microchip Technology MCP1701A Datasheet HTML 13Page - Microchip Technology MCP1701A Datasheet HTML 14Page - Microchip Technology MCP1701A Datasheet HTML 15Page - Microchip Technology MCP1701A Datasheet HTML 16Page - Microchip Technology MCP1701A Datasheet HTML 17Page - Microchip Technology MCP1701A Datasheet HTML 18Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 22 page
background image
MCP1701A
DS21991C-page 14
© 2007 Microchip Technology Inc.
3-Lead Plastic Small Outline Transistor Header (MB) [SOT-89]
Notes:
1. Dimensions D and E do not include mold flash or protrusions. Mold flash or protrusions shall not exceed 0.127 mm per side.
2. Dimensioning and tolerancing per ASME Y14.5M.
BSC: Basic Dimension. Theoretically exact value shown without tolerances.
Note:
For the most current package drawings, please see the Microchip Packaging Specification located at
http://www.microchip.com/packaging
Units
MILLIMETERS
Dimension Limits
MIN
MAX
Number of Leads
N
3
Pitch
e
1.50 BSC
Outside Lead Pitch
e1
3.00 BSC
Overall Height
A
1.40
1.60
Overall Width
H
3.94
4.25
Molded Package Width at Base
E
2.29
2.60
Molded Package Width at Top
E1
2.13
2.29
Overall Length
D
4.39
4.60
Tab Length
D1
1.40
1.83
Foot Length
L
0.79
1.20
Lead Thickness
c
0.35
0.44
Lead 2 Width
b
0.41
0.56
Leads 1 & 3 Width
b1
0.36
0.48
D
D1
E
H
N
b1
e1
b
2
1
e
b1
L
A
C
E1
Microchip Technology Drawing C04-029B



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com