Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XR5108N Datasheet(PDF) 14 Page - Hollingsworth

Part # XR5108N
Description  Ring Tongue Terminal 10-12AWG Copper Yellow 27.69mm Tin
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLLINGSWORTH [Hollingsworth]
Direct Link  https://hollingsworth.com/
Logo HOLLINGSWORTH - Hollingsworth

XR5108N Datasheet(HTML) 14 Page - Hollingsworth

Back Button XR5108N Datasheet HTML 10Page - Hollingsworth XR5108N Datasheet HTML 11Page - Hollingsworth XR5108N Datasheet HTML 12Page - Hollingsworth XR5108N Datasheet HTML 13Page - Hollingsworth XR5108N Datasheet HTML 14Page - Hollingsworth XR5108N Datasheet HTML 15Page - Hollingsworth XR5108N Datasheet HTML 16Page - Hollingsworth XR5108N Datasheet HTML 17Page - Hollingsworth XR5108N Datasheet HTML 18Page - Hollingsworth Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 26 page
background image
22/18 • 16/14 • 12/10 Flag Slip-Ons
Material: BRASS
Thickness:
.018" / .457mm
Basic Dimensions
Non-Insulated
Wire
CMA
NEMA
W
W
T
T
E
E
L
L
E
E
L
L
Range
Range
Tab
In.
mm
In.
mm
NIT
In.
mm
In.
mm
NIT-IG
In.
mm
In.
mm
22-18
509-2050
.032 x .250
.296 7.52
.065
1.65
SO9405
.300
7.62
.57
14.48
16-14
2050-5180
.032 x .250
.296 7.52
.065
1.65
SO9410
.300
7.62
.59
14.99
16-14
2050-5180
.032 x .250
.296 7.52
.120
3.05
SO9411
.300
7.62
.59
14.99
12-10
5180-13,100
.032 x .250
.296 7.52
.065
1.65
SO9415 *
.300
7.62
.60
15.54
12-10
5180-13,100
.032 x .250
.296 7.52
.120
3.05
SO9413 *
.300
7.62
.60
15.54
Hand Tool
H4A3
H12
zy
* UL Listed for 12 AWG Only zy
Notched specially for
Bending applications
22/18 • 16/14 • 12/10 Flag Slip-Ons
Material: BRASS
Thickness:
.018" / .457mm
Basic Dimensions
Non-Insulated
Wire
CMA
NEMA
W
W
T
T
E
E
L
L
E
E
L
L
Range
Range
Tab
In.
mm
In.
mm
NIT
In.
mm
In.
mm
NIT-IG
In.
mm
In.
mm
22-18
509-2050
.032 x .250
.300 7.62
.065
1.65
SO9478S
.300 7.62
.53
13.46
SO9479S
.300
7.62
.53
13.46
16-14
2050-5180
.032 x .250
.300 7.62
.065
1.65
SO9487S
.300 7.62
.55
13.97
SO9488S
.300
7.62
.55
13.97
12-10
5180-13,100
.032 x .250
.300 7.62
.065
1.65
SO9489S *
.300 7.62
.68
17.27
zy * UL Listed for 12 AWG Only
zy
* UL Listed for 12 AWG Only
Basic Dimensions
Fully-Insulated
Wire
CMA
NEMA
W
W
T
T
FISO
Insul Dia.
L
L
Ins. Bbl. Dia
Insul.
Hand
Range
Range
Tab
In.
mm
In.
mm
FIT Flared
In.
mm
In.
mm
In.
mm
Color
Tool
22-18
509-2050
.032 x .250
.300 7.62
.065
1.65
SO5360SF
.160
4.06
.611
15.52
.057
1.45
Red Nylon
H46
16-14
2050-5180
.032 x .250
.300 7.62
.065
1.65
SO5363SF
.182
4.62
.625
15.88
.081
2.06
Blue Nylon
H47
zy
22/16 • 16/14 • 12/10 Knife Disconnects
Material: COPPER
Basic Dimensions
Non-Insulated
Wire
CMA
Mat. Thickness
Ins. Bbl. Dia.
H
H
W
W
B
B
L
L
L
L
H270
Range
Range
In.
mm
In.
mm
In. mm In.
mm
In.
mm NIT
In.
mm
MG
In.
mm
Die
22-16
509-3260
.030
.762
.061
1.55
.15 3.81 .20
5.08
.17
4.32 K5910S
.63
16.00
K5913S
.80
20.32
27092
16-14
2050-5180
.032
.813
.085
2.16
.15 3.81 .20
5.08
.17
4.32 K5911S
.63
16.00
K5914S
.80
20.32
27092
12-10
5180-13,100
.040
1.02
.131
3.33
.22 5.59 .28
7.11
.27
6.86 K5912
.94
23.88
K5915
1.18
29.97
27095
Hand Tool
H4A
See End Column
Basic Dimensions
Insulated (Nylon)
Wire
CMA
Mat. Thickness
Ins. Bbl. Dia.
H
H
W
W
B
B
Funnel
Insul. Dia.
L
L
Insul.
Hand
Range
Range
In.
mm
In.
mm
In. mm In.
mm
In.
mm FIIG
In.
mm
In.
mm
Color
Tool
22-16
509-3260
.030
.762
.061
1.55
.15 3.81 .20
5.08
.17 4.32 XK5919SN
.146
3.71
.90
22.86
Red
H7B & H53
16-14
2050-5180
.032
.813
.085
2.16
.15 3.81 .20
5.08
.17 4.32 XK5920SN
.172
4.37
.90
22.86
Blue
H7B & H53
12-10
5180-13,100
.040
1.02
.131
3.33
.22 5.59 .28
7.11
.27 6.86 XK5921N
.227
5.77 1.26
32.00
Yellow
H6E & H53
64
Most terminals available tape mounted.
Consult Electro-Term/Hollingsworth with your specifications.
800.638.8376 www.hollingsworth.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com