Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R4104B Datasheet(PDF) 2 Page - Hollingsworth

Part # R4104B
Description  Ring Tongue Terminal 10-12AWG Copper Yellow 27.69mm Tin
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLLINGSWORTH [Hollingsworth]
Direct Link  https://hollingsworth.com/
Logo HOLLINGSWORTH - Hollingsworth

R4104B Datasheet(HTML) 2 Page - Hollingsworth

  R4104B Datasheet HTML 1Page - Hollingsworth R4104B Datasheet HTML 2Page - Hollingsworth R4104B Datasheet HTML 3Page - Hollingsworth R4104B Datasheet HTML 4Page - Hollingsworth R4104B Datasheet HTML 5Page - Hollingsworth R4104B Datasheet HTML 6Page - Hollingsworth R4104B Datasheet HTML 7Page - Hollingsworth R4104B Datasheet HTML 8Page - Hollingsworth R4104B Datasheet HTML 9Page - Hollingsworth Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 26 page
background image
22/16 Spades
CMA Range 509-3260
Barrel Inside Diameter .059"/ 1.5 mm
Material: COPPER Thickness: .030"/.762 mm
Insulated (Red Vinyl)
Insulated ( Red Nylon)
Basic Dimensions
Non-Insulated
Insul. Dia.
.160"/4.06 mm
Insul. Dia. .146"/3.71 mm
Stud
W
W
C
C
NIT
E
E
L
L
Funnel
E
E
L
L
Funnel
E
E
L
L
Size
In.
mm
In. mm NIT
Brazed
In.
mm
In.
mm
FIT
In.
mm
In.
mm FIIG
In.
mm
In.
mm
6
0.31 7.87 0.28 7.11 S4116
S4116B
0.55 13.97 0.71
18.03 S4154F
0.79
20.07
0.97 24.64
6
0.31 7.87 0.28 7.11 S4116S
S4116SB
0.45 11.43 0.61
15.49 S4154SF 0.72
18.29
0.9 22.86 XS2404SN
0.71 18.03 0.9 22.86
8
0.31 7.87 0.28 7.11 S4117
S4117B
0.55 13.97 0.71
18.03 S4155F
0.79
20.07
0.97 24.64
8
0.31 7.87 0.28 7.11 S4117S
S4117SB
0.45 11.43 0.61
15.49 S4155SF 0.72
18.29
0.9 22.86 XS2053SN
0.71 18.03 0.9 22.86
10
0.31 7.87 0.28 7.11 S4118
S4118B
0.55 13.97 0.71
18.03 S4156F
0.79
20.07
0.97 24.64
10
0.31 7.87 0.28 7.11 S4118S
S4118SB
0.45 11.43 0.61
15.49 S4156SF 0.72
18.29
0.9 22.86 XS2054SN
0.71 18.03 0.9 22.86
Hand Tool
H4A
H4A
H7B & H53
H7B & H53
zy
zy
zy
zy
* H53 for short barrel, H53L for long barrel
22/16 Block Spades
CMA Range 509-3260
Barrel Inside Diameter .059"/ 1.5 mm
Material: COPPER Thickness: .030"/.762 mm
Insulated Red (Vinyl)
Insulated ( Red Nylon)
Basic Dimensions
Non-Insulated
Insul. Dia.
.160" / 4.06 mm
Insul. Dia.
.146" / 3.71 mm
Stud
W
W
C
C
NIT
E
E
L
L
Funnel
E
E
L
L
Funnel
E
E
L
L
Size
In.
mm
In. mm NIT
Brazed
In.
mm
In.
mm FIT
In.
mm
In.
mm FIIG
In.
mm
In.
mm
6
0.3
7.62 0.19 4.83 BS41162
BS41162B
0.46 11.68 0.58 14.73 BS41542F
0.7 17.78 0.84 21.34
6
0.3
7.62 0.19 4.83 BS41162S BS41162SB 0.36 9.14
0.48 12.19 BS41542SF
0.63
16
0.77 19.56 XBS24042SN 0.62 15.75 0.77 19.56
6
0.24
6.1
0.32 8.13 BS41163
BS41163B
0.59 14.99 0.72 18.29 BS41543F
0.83 21.08 0.99 25.15
6
0.24
6.1
0.32 8.13 BS41163S BS41163SB 0.49 12.45 0.63
16
BS41543SF
0.76 19.3 0.92 23.37 XBS24043SN 0.75 19.05 0.92 23.37
8
0.3
7.62 0.19 4.83 BS41172
BS41172B
0.46 11.68 0.58 14.73 BS41552F
0.7 17.78 0.84 21.34
8
0.3
7.62 0.19 4.83 BS41172S BS41172SB 0.36 9.14
0.48 12.19 BS41552SF
0.63
16
0.77 19.56 XBS20532SN 0.62 15.75 0.77 19.56
10
0.3
7.62 0.19 4.83 BS41182
BS41182B
0.46 11.68 0.58 14.73 BS41562F
0.7 17.78 0.84 21.34
10
0.3
7.62 0.19 4.83 BS41182S BS41182SB 0.36 9.14
0.48 12.19 BS41562SF
0.63
16
0.77 19.56 XBS20542SN 0.62 15.75 0.77 19.56
10
0.3
7.62 0.32 8.13 BS41183
BS41183B
0.59 14.99 0.72 18.29 BS41563F
0.83 21.08 0.99 25.15
10
0.3
7.62 0.32 8.13 BS41183S BS41183SB 0.49 12.45 0.63
16
BS41563SF
0.76 19.3 0.92 23.37 XBS20543SN 0.75 19.05 0.92 23.37
Hand Tool
H4A
H4A
H7B & H53
H7B & H53
zy
zy
zy
zy
* H53 for short barrel, H53L for long barrel
22/16 Spring Spades
CMA Range 509-3260
Barrel Inside Diameter .059"/ 1.5 mm
Material: COPPER ALLOY Thickness: .030"/.762 mm
Insulated ( Red Vinyl)
Insulated ( Red Nylon)
Basic Dimensions
Non-Insulated
Insul. Dia.
.160" / 4.06 mm
Insul. Dia. .146"/3.71 mm
Stud
W
W
C
C
NIT
E
E
L
L
Funnel
E
E
L
L
Funnel
E
E
L
L
Size
In.
mm In.
mm NIT
Brazed
In.
mm
In.
mm
FIT
In.
mm
In.
mm
FIIG
In.
mm
In.
mm
6
0.25 6.35 0.26 6.60 SS20923S SS20923SB 0.43 10.92 0.67
17.02
SS20927SF 0.73 18.54 0.96
24.38 XSS20937SN 0.72 18.29 0.95 24.13
6
0.28 7.11 0.26 6.60 SS20924S SS20924SB 0.43 10.92 0.67
17.02
SS20928SF 0.73 18.54 0.96
24.38 XSS20938SN 0.72 18.29 0.95 24.13
8
0.28 7.11 0.26 6.60 SS20925S SS20925SB 0.43 10.92 0.67
17.02
SS20929SF 0.73 18.54 0.96
24.38 XSS20939SN 0.72 18.29 0.95 24.13
10
0.33 8.38 0.26 6.60 SS20926S SS20926SB 0.43 10.92 0.67
17.02
SS20930SF 0.73 18.54 0.96
24.38 XSS20940SN 0.72 18.29 0.95 24.13
Hand Tool
H4A
H4A
H7B & H53
H7B & H53
zy
zy
zy
zy
22/16 Mini Spring Spades
CMA Range 509-3260
Barrel Inside Diameter .059"/ 1.5 mm
Material: COPPER ALLOY Thickness: .030"/.762 mm
Insulated ( Red Vinyl)
Insulated ( Red Nylon)
Basic Dimensions
Non-Insulated
Insul. Dia.
.160" / 4.06 mm
Insul. Dia. .146"/3.71 mm
Stud
W
W
C
C
NIT
E
E
L
L
Funnel
E
E
L
L
Funnel
E
E
L
L
Size
In.
mm In.
mm NIT
Brazed
In.
mm
In.
mm
FIT
In.
mm
In.
mm FIIG
In.
mm
In.
mm
5
0.25 6.35 0.26 6.60 SS22466 SS22466B 0.43 10.92
0.56 14.22 SS22496F
0.73 18.54
0.85 21.59 XSS22506N
0.72 18.29 0.84 21.34
6
0.26 6.35 0.26 6.60 SS22467 SS22467B 0.43 10.92
0.56 14.22 SS22497F
0.73 18.54
0.85 21.59 XSS22507N
0.72 18.29 0.84 21.34
8
0.28 7.11 0.26 6.60 SS22468 SS22468B 0.43 10.92
0.56 14.22 SS22498F
0.73 18.54
0.85 21.59 XSS22508N
0.72 18.29 0.84 21.34
10
0.33 8.38 0.26 6.60 SS22469 SS22469B 0.43 10.92
0.60 15.24 SS22499F
0.73 18.54
0.89 22.61 XSS22509N
0.72 18.29 0.88 22.35
Hand Tool
H4A
H4A
H7B & H53
H7B & H53
zy
zy
zy
zy
Most terminals available tape mounted.
Consult Electro-Term/Hollingsworth with your specifications.
800.638.8376 www.hollingsworth.com
52



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com