Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R4105SB Datasheet(PDF) 25 Page - Hollingsworth

Part # R4105SB
Description  Ring Tongue Terminal 10-12AWG Copper Yellow 27.69mm Tin
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLLINGSWORTH [Hollingsworth]
Direct Link  https://hollingsworth.com/
Logo HOLLINGSWORTH - Hollingsworth

R4105SB Datasheet(HTML) 25 Page - Hollingsworth

Back Button R4105SB Datasheet HTML 18Page - Hollingsworth R4105SB Datasheet HTML 19Page - Hollingsworth R4105SB Datasheet HTML 20Page - Hollingsworth R4105SB Datasheet HTML 21Page - Hollingsworth R4105SB Datasheet HTML 22Page - Hollingsworth R4105SB Datasheet HTML 23Page - Hollingsworth R4105SB Datasheet HTML 24Page - Hollingsworth R4105SB Datasheet HTML 25Page - Hollingsworth R4105SB Datasheet HTML 26Page - Hollingsworth  
Zoom Inzoom in Zoom Outzoom out
 25 / 26 page
background image
Miscellaneous Data and Information
WIRE GAGE CONVERSION CHART
AWG
CMA
MM2
26 - 24
202 - 320
0.10 - 0.16
26 - 22
202 - 810
0.10 - 0.41
24 - 20
320 - 1290
0.16 - 0.65
22 - 18
509 - 2050
0.30 - 1.04
22 - 16
509 - 3260
0.30 - 1.65
20 - 16
1290 - 3260
0.65 - 1.65
18 - 14
1600 - 5180
0.81 - 2.62
16 - 14
2050 - 5180
1.04 - 2.62
14 - 12
3260 - 8230
1.65 - 4.17
12 - 10
5180 - 13,100
2.62 - 6.64
8
13,100 - 20,800
6.64 - 10.54
6
20,800 - 33,100
10.54 - 16.77
4
33,100 - 52,600
16.77 - 26.65
2
52,600 - 83,700
26.65 - 42.41
1/0
83,700 - 119,500
42.41 - 60.55
2/0
119,500 - 150,500
60.55 - 76.26
3/0
150,500 - 190,000
76.26 - 96.27
4/0
190,000 - 231,000
96.27 - 117.05
250 MCM
250,000
127
300 MCM
300,000
152
350 MCM
350,000
177
400 MCM
400,000
203
500 MCM
500,000
253
DECIMAL EQUIVALENT CHART
1/64 0.015625
33/64 0.515625
1/32
0.03125
17/32
0.53125
3/64 0.046875
35/64 0.546875
1/16
0.0625
9/16
0.5625
5/64 0.078125
37/64 0.578125
3/32
0.09375
19/32
0.59375
7/64 0.109375
39/64 0.609375
1/8
0.125
5/8
0.625
9/64 0.140625
41/64 0.640625
5/32
0.15625
21/32
0.65625
11/64 0.171875
43/64 0.671875
3/16
0.1875
11/16
0.6875
13/64 0.203125
45/64 0.703125
7/32
0.21875
23/32
0.71875
15/64 0.234375
47/64 0.734375
1/4
0.25
3/4
0.75
17/64 0.265625
49/64 0.765625
9/32
0.28125
25/32
0.78125
19/64 0.296875
51/64 0.796875
5/16
0.3125
13/16
0.8125
21/64 0.328125
53/64 0.828125
11/32
0.34375
27/32
0.84375
23/64 0.359375
55/64 0.859375
3/8
0.375
7/8
0.875
25/64 0.390625
57/64 0.890625
13/32
0.40625
29/32
0.90625
27/64 0.421875
59/64 0.921875
7/16
0.4375
15/16
0.9375
29/64 0.453125
61/64 0.953125
15/32
0.46875
31/32
0.96875
31/64 0.484375
63/64 0.984375
1/2
0.5
1
1.0
STUD SIZE CHART
Diameter
Inches
mm
0 cm 1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
0 in
1
2
3
4
5
6
75
www.hollingsworth.com 800.638.8376



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com