Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LH45A Datasheet(PDF) 2 Page - EPCOS

Part # LH45A
Description  Low-Loss Filter for Mobile Communication 2017,5MHz
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

LH45A Datasheet(HTML) 2 Page - EPCOS

  LH45A Datasheet HTML 1Page - EPCOS LH45A Datasheet HTML 2Page - EPCOS LH45A Datasheet HTML 3Page - EPCOS LH45A Datasheet HTML 4Page - EPCOS LH45A Datasheet HTML 5Page - EPCOS LH45A Datasheet HTML 6Page - EPCOS LH45A Datasheet HTML 7Page - EPCOS LH45A Datasheet HTML 8Page - EPCOS LH45A Datasheet HTML 9Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
2
Nov 14, 2003
SAW Components
LH45A
2017,5MHz
Low-Loss Filter for Mobile Communication
Preliminary Data Sheet
Chip Size Saw Package QCS5C
2
4
5
3
0,075
2,0
bottom view
side view
top view
0.735
0,38
Features
s
Low-loss
RF
filter
for
mobile
telephone
TD_SCDMA system
s
Low amplitude ripple
s
Usable passband 15MHz
s
No matching network required for operation at
50
Ω
s
Package for Surface Mount Technology (SMT)
Terminals
s
Ni, Gold-plated
Dimensions in mm, approx. weight tbd.
Pin configuration
1
Input
4
Output
2,3,5
Ground
Electrostatic Sensitive Device (ESD)
Type
Ordering code
Marking and Package
according to
Packing
according to
LH45A
tbd
C61157-A7-A111
F61074-V8151-Z000
Maximum ratings
Operating temperature range
T
– 25/+ 55
˚C
Storage temperature range
Tstg
– 40/+ 85
˚C
DC voltage
VDC
5V
ESD voltage
VESD
50
V
1
4
3
2,5



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com