Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2SB764 Datasheet(PDF) 2 Page - Sanyo Semicon Device

Part # 2SB764
Description  Voltage Regulator, Relay Lamp Driver Electrical Equipment Applications
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

2SB764 Datasheet(HTML) 2 Page - Sanyo Semicon Device

  2SB764_03 Datasheet HTML 1Page - Sanyo Semicon Device 2SB764_03 Datasheet HTML 2Page - Sanyo Semicon Device 2SB764_03 Datasheet HTML 3Page - Sanyo Semicon Device 2SB764_03 Datasheet HTML 4Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
2SB764/2SD863
No.575–2/4
k
n
a
RD
E
F
h E
F
0
2
1
o
t
0
60
0
2
o
t
0
0
10
2
3
o
t
0
6
1
r
e
t
e
m
a
r
a
Pl
o
b
m
y
Ss
n
o
i
t
i
d
n
o
C
s
g
n
i
t
a
R
t
i
n
U
n
i
mp
y
tx
a
m
e
g
a
t
l
o
V
n
o
i
t
a
r
u
t
a
S
r
e
t
t
i
m
E
-
o
t
-
r
o
t
c
e
ll
o
CV
)
t
a
s
(
E
C
IC
I
,
A
m
0
0
5
)
–
(
=
B
A
m
0
5
)
–
(
=
)
2
.
0
–
()
7
.
0
–
(V
5
1
.
05
.
0V
e
g
a
t
l
o
V
n
o
i
t
a
r
u
t
a
S
r
e
t
t
i
m
E
-
o
t
-
e
s
a
BV
)
t
a
s
(
E
B
IC
I
,
A
m
0
0
5
)
–
(
=
B
A
m
0
5
)
–
(
=5
8
.
0
)
–
(2
.
1
)
–
(V
e
g
a
t
l
o
V
n
w
o
d
k
a
e
r
B
e
s
a
B
-
o
t
-
r
o
t
c
e
ll
o
CV
O
B
C
)
R
B
(
IC
I
,
A
µ
0
1
)
–
(
=
E 0
=0
6
)
–
(V
e
g
a
t
l
o
V
n
w
o
d
k
a
e
r
B
r
e
t
t
i
m
E
-
o
t
-
r
o
t
c
e
ll
o
CV
O
E
C
)
R
B
(
IC
R
,
A
m
1
)
–
(
=
E
B =∞
0
5
)
–
(V
e
g
a
t
o
V
n
w
o
d
k
a
e
r
B
e
s
a
B
-
o
t
-
r
e
t
t
i
m
EV
O
B
E
)
R
B
(
IE
I
,
A
µ
0
1
)
–
(
=
C 0
=5
)
–
(V
* : The SB764/2SD863 are classified by 50mA hFE as follows :
Continued from preceding page.
5
100
1000
3
2
3
5
2
10
1.0
10
100
1000
hFE -- IC
ITR08350
23
5
2
3
2
3
52
3
5
0
0
--2
--4
--6
--8
--12
--10
IC -- VCE
ITR08345
--1000
--800
--600
--400
--200
IB=0
--10mA
--8mA
--6mA
--4mA
--3mA
--2mA
--1mA
2SB764
0
02
4
6
8
12
10
IC -- VCE
ITR08346
1000
800
600
400
200
IB=0
2SD863
0
0
--0.2
--0.4
--0.6
--0.8
--1.2
--1.0
IC -- VCE
ITR08347
--1000
--800
--600
--400
--200
IB=0
--30mA --20mA
--10mA
--6mA
--4mA
--2mA
2SB764
0
0
0.2
0.4
0.6
0.8
1.2
1.0
IC -- VCE
ITR08348
1000
800
600
400
200
IB=0
20mA
10mA
6mA
4mA
2mA
2SD863
IC -- VBE
ITR08349
400
200
0
1200
1000
800
600
0.4
0.6
0.8
1.0
1.2
00.2
VCE=2V
(For PNP, minus sign
is omitted.)
(For PNP, minus sign is omitted.)
2SD863
2SB764
VCE=2V
6mA
4mA
3mA
2mA
1mA
Collector-to-Emitter Voltage, VCE – V
Collector-to-Emitter Voltage, VCE – V
Collector-to-Emitter Voltage, VCE – V
Collector-to-Emitter Voltage, VCE – V
Base-to-Emitter Voltage, VBE – V
Collector Current, IC – mA



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com