Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HFD4/1.5-L Datasheet(PDF) 2 Page - Hongfa Technology

Part # HFD4/1.5-L
Description  SUBMINIATURE SIGNAL RELAY
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HONGFA [Hongfa Technology]
Direct Link  http://www.hongfa.com
Logo HONGFA - Hongfa Technology

HFD4/1.5-L Datasheet(HTML) 2 Page - Hongfa Technology

  HFD4/1.5-L Datasheet HTML 1Page - Hongfa Technology HFD4/1.5-L Datasheet HTML 2Page - Hongfa Technology HFD4/1.5-L Datasheet HTML 3Page - Hongfa Technology HFD4/1.5-L Datasheet HTML 4Page - Hongfa Technology HFD4/1.5-L Datasheet HTML 5Page - Hongfa Technology HFD4/1.5-L Datasheet HTML 6Page - Hongfa Technology HFD4/1.5-L Datasheet HTML 7Page - Hongfa Technology HFD4/1.5-L Datasheet HTML 8Page - Hongfa Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
COIL DATA
at 23
68
HFD4/1.5
HFD4/2.4
HFD4/3
HFD4/4.5
HFD4/5
HFD4/6
HFD4/9
HFD4/12
HFD4/24
1.5
2.4
3
4.5
5
6
9
12
24
1.13
1.8
2.25
3.38
3.75
4.5
6.75
9
18
0.15
0.24
0.3
0.45
0.5
0.6
0.9
1.2
2.4
16 x (1 10%)
41 x (1 10%)
64.3 x (1 10%)
145 x (1 10%)
178 x (1 10%)
257 x (1 10%)
579 x (1 10%)
1028 x (1 10%)
2880 x (1 10%)
140
140
140
140
140
140
140
140
200
3.0
4.8
6.0
9.0
10
12
18
24
48
Coil
Resistance
Initial Pick-up
Voltage
VDC
max.
Coil
Code
Max.
Voltage
VDC
(4)
Single side stable and Standard type
1)
Nominal
Voltage
VDC
(1)
Rated
coil
power
mW
approx.
Initial Drop-out
Voltage
VDC
min.
HFD4/1.5
HFD4/2.4
HFD4/3
HFD4/4.5
HFD4/5
HFD4/6
HFD4/9
HFD4/12
HFD4/24
1.5
2.4
3
4.5
5
6
9
12
24
1.2
1.92
2.4
3.6
4
4.8
7.2
9.6
19.2
0.15
0.24
0.3
0.45
0.5
0.6
0.9
1.2
2.4
22.5 x (1 10%)
58 x (1 10%)
90 x (1 10%)
203 x (1 10%)
250 x (1 10%)
360 x (1 10%)
810 x (1 10%)
1440 x (1 10%)
5760 x (1 10%)
3.0
4.8
6.0
9.0
10
12
18
24
48
100
100
100
100
100
100
100
100
100
Coil
Resistance
Initial Pick-up
Voltage
VDC
max.
Coil
Code
Max.
Voltage
VDC
(4)
Monostable sensitive type(478 version)
1)
Nominal
Voltage
VDC
(1)
Initial Drop-out
Voltage
VDC
min.
Rated
coil
power
mW
approx.
3.0
4.8
6.0
9.0
10
12
18
24
48
HFD4/1.5-L
HFD4/2.4-L
HFD4/3-L
HFD4/4.5-L
HFD4/5-L
HFD4/6-L
HFD4/9-L
HFD4/12-L
HFD4/24-L
1.13
1.8
2.25
3.38
3.75
4.5
6.75
9
18
22.5 x (1 10%)
58x (1 10%)
90 x (1 10%)
203 x (1 10%)
250 x (1 10%)
360 x (1 10%)
810 x (1 10%)
1440 x (1 10%)
2880 x (1 10%)
100
100
100
100
100
100
100
100
200
1.5
2.4
3
4.5
5
6
9
12
24
1.13
1.8
2.25
3.38
3.75
4.5
6.75
9
18
1 coil latching
Coil
Resistance
Coil
Code
Nominal
Voltage
VDC
(1)
Max.
Voltage
VDC
(4)
Initial Pick-up
Voltage
VDC
max.
1)
1)
Initial Drop-out
Voltage
VDC
min.
Rated
coil
power
mW
approx.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com