Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MBR735PBF Datasheet(PDF) 7 Page - International Rectifier

Part # MBR735PBF
Description  SCHOTTKY RECTIFIER 7.5 Amp
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

MBR735PBF Datasheet(HTML) 7 Page - International Rectifier

  MBR735PBF Datasheet HTML 1Page - International Rectifier MBR735PBF Datasheet HTML 2Page - International Rectifier MBR735PBF Datasheet HTML 3Page - International Rectifier MBR735PBF Datasheet HTML 4Page - International Rectifier MBR735PBF Datasheet HTML 5Page - International Rectifier MBR735PBF Datasheet HTML 6Page - International Rectifier MBR735PBF Datasheet HTML 7Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
MBRB7..PbF Series
Bulletin PD-21048 rev. A 06/06
7
www.irf.com
MBR745
********************************************
*
This model has been developed by *
*
Wizard SPICE MODEL GENERATOR (1999) *
* (International Rectifier Corporation) *
* contains Proprietary Information
*
********************************************
* SPICE Model Diode is composed by a
*
* simple diode plus paralled VCG2T
*
********************************************
.SUBCKT MBR745 ANO CAT
D1 ANO 1 DMOD (0.03191)
*Define diode model
.MODEL DMOD D(IS=9.72464638473799E-05A,N=1.30648926537753,BV=52V,
+ IBV=0.195508065728349A,RS= 0.000727548,CJO=1.94829876431799E-08,
+ VJ=2.27282978121533,XTI=2, EG=0.854458710837653)
********************************************
*Implementation of VCG2T
VX 1 2 DC 0V
R1 2 CAT TRES 1E-6
.MODEL TRES RES(R=1,TC1=27.6281424524011)
GP1 ANO CAT VALUE={-ABS(I(VX))*(EXP((((-5.219758E-03/27.62814)*((V(2,CAT)*1E6)/(I(VX)+1E-6)-
1))+1)*7.000165E-02*ABS(V(ANO,CAT)))-1)}
********************************************
.ENDS MBR745
Thermal Model Subcircuit
.SUBCKT MBR745 5 1
CTHERM1
5
4
1.05E+00
CTHERM2
4
3
4.44E+00
CTHERM3
3
2
1.16E+01
CTHERM4
2
1
6.12E+01
RTHERM1
5
4
1.33E+00
RTHERM2
4
3
1.19E+00
RTHERM1
3
2
3.81E-01
RTHERM1
2
1
9.54E-02
.ENDS MBR745
IR WORLD HEADQUARTERS:
233 Kansas St., El Segundo, California 90245, USA Tel: (310) 252-7105
TAC Fax: (310) 252-7309
Visit us at www.irf.com for sales contact information. 06/06
Data and specifications subject to change without notice.
This product has been designed and qualified for Industrial Level and Lead-Free.
Qualification Standards can be found on IR's Web site.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com