Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ENC28J60 Datasheet(PDF) 7 Page - Microchip Technology

Part # ENC28J60
Description  Stand-Alone Ethernet Controller with SPI Interface
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

ENC28J60 Datasheet(HTML) 7 Page - Microchip Technology

Back Button ENC28J60 Datasheet HTML 3Page - Microchip Technology ENC28J60 Datasheet HTML 4Page - Microchip Technology ENC28J60 Datasheet HTML 5Page - Microchip Technology ENC28J60 Datasheet HTML 6Page - Microchip Technology ENC28J60 Datasheet HTML 7Page - Microchip Technology ENC28J60 Datasheet HTML 8Page - Microchip Technology ENC28J60 Datasheet HTML 9Page - Microchip Technology ENC28J60 Datasheet HTML 10Page - Microchip Technology ENC28J60 Datasheet HTML 11Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 96 page
background image
© 2006 Microchip Technology Inc.
Preliminary
DS39662B-page 5
ENC28J60
2.0
EXTERNAL CONNECTIONS
2.1
Oscillator
The ENC28J60 is designed to operate at 25 MHz with
a crystal connected to the OSC1 and OSC2 pins. The
ENC28J60 design requires the use of a parallel cut
crystal. Use of a series cut crystal may give a frequency
out of the crystal manufacturer specifications. A typical
oscillator circuit is shown in Figure 2-1.
The ENC28J60 may also be driven by an external clock
source connected to the OSC1 pin as shown in
Figure 2-2.
FIGURE 2-1:
CRYSTAL OSCILLATOR
OPERATION
FIGURE 2-2:
EXTERNAL CLOCK
SOURCE(1)
2.2
Oscillator Start-up Timer
The ENC28J60 contains an Oscillator Start-up Timer
(OST) to ensure that the oscillator and integrated PHY
have stabilized before use. The OST does not expire
until 7500 OSC1 clock cycles (300
μs) pass after
Power-on Reset or wake-up from Power-Down mode
occurs. During the delay, all Ethernet registers and
buffer memory may still be read and written to through
the SPI bus. However, software should not attempt to
transmit any packets (set ECON1.TXRTS), enable
reception of packets (set ECON1.RXEN) or access any
MAC, MII or PHY registers during this period.
When the OST expires, the CLKRDY bit in the ESTAT
register will be set. The application software should poll
this bit as necessary to determine when normal device
operation can begin.
C1
C2
XTAL
OSC2
RS(1)
OSC1
RF(2)
To Internal Logic
Note 1:
A series resistor, RS, may be required for AT
strip cut crystals.
2:
The feedback resistor, RF , is typically in the
range of 2 to 10 M
Ω.
ENC28J60
3.3V Clock from
External System
OSC1
OSC2
Open(2)
Note 1:
Duty cycle restrictions must be observed.
2:
A resistor to ground may be used to reduce
system noise. This may increase system
current.
ENC28J60
Note:
After a Power-on Reset, or the ENC28J60
is removed from Power-Down mode, the
CLKRDY bit must be polled before
transmitting
packets,
enabling
packet
reception or accessing any MAC, MII or
PHY registers.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com