Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ENC28J60T Datasheet(PDF) 13 Page - Microchip Technology

Part # ENC28J60T
Description  Stand-Alone Ethernet Controller with SPI Interface
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

ENC28J60T Datasheet(HTML) 13 Page - Microchip Technology

Back Button ENC28J60T Datasheet HTML 9Page - Microchip Technology ENC28J60T Datasheet HTML 10Page - Microchip Technology ENC28J60T Datasheet HTML 11Page - Microchip Technology ENC28J60T Datasheet HTML 12Page - Microchip Technology ENC28J60T Datasheet HTML 13Page - Microchip Technology ENC28J60T Datasheet HTML 14Page - Microchip Technology ENC28J60T Datasheet HTML 15Page - Microchip Technology ENC28J60T Datasheet HTML 16Page - Microchip Technology ENC28J60T Datasheet HTML 17Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 96 page
background image
© 2006 Microchip Technology Inc.
Preliminary
DS39662B-page 11
ENC28J60
3.0
MEMORY ORGANIZATION
All memory in the ENC28J60 is implemented as static
RAM. There are three types of memory in the
ENC28J60:
• Control Registers
• Ethernet Buffer
• PHY Registers
The Control registers’ memory contains the registers
that are used for configuration, control and status
retrieval of the ENC28J60. The Control registers are
directly read and written to by the SPI interface.
The Ethernet buffer contains transmit and receive
memory used by the Ethernet controller in a single
memory space. The sizes of the memory areas are
programmable by the host controller using the SPI
interface. The Ethernet buffer memory can only be
accessed via the read buffer memory and write buffer
memory SPI commands (see Section 4.2.2 “Read
Buffer Memory Command” and Section 4.2.4 “Write
Buffer Memory Command”).
The PHY registers are used for configuration, control
and status retrieval of the PHY module. The registers
are not directly accessible through the SPI interface;
they can only be accessed through Media Independent
Interface Management (MIIM) implemented in the
MAC.
Figure 3-1 shows the data memory organization for the
ENC28J60.
FIGURE 3-1:
ENC28J60 MEMORY ORGANIZATION
Common
Registers
Common
Registers
Common
Registers
Common
Registers
00h
19h
1Ah
1Fh
00h
19h
1Ah
1Fh
00h
19h
1Ah
1Fh
00h
19h
1Ah
1Fh
Bank 0
Bank 1
Bank 2
Bank 3
0000h
1FFFh
= 00
= 01
= 10
= 11
ECON1<1:0>
Control Registers
Ethernet Buffer
00h
1Fh
PHY Registers
Note:
Memory areas are not shown to scale. The size of the control memory space has been scaled to show detail.
Buffer Pointers in Bank 0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com