Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ENC28J60-C/SP Datasheet(PDF) 71 Page - Microchip Technology

Part # ENC28J60-C/SP
Description  Stand-Alone Ethernet Controller with SPI Interface
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

ENC28J60-C/SP Datasheet(HTML) 71 Page - Microchip Technology

Back Button ENC28J60-C/SP Datasheet HTML 67Page - Microchip Technology ENC28J60-C/SP Datasheet HTML 68Page - Microchip Technology ENC28J60-C/SP Datasheet HTML 69Page - Microchip Technology ENC28J60-C/SP Datasheet HTML 70Page - Microchip Technology ENC28J60-C/SP Datasheet HTML 71Page - Microchip Technology ENC28J60-C/SP Datasheet HTML 72Page - Microchip Technology ENC28J60-C/SP Datasheet HTML 73Page - Microchip Technology ENC28J60-C/SP Datasheet HTML 74Page - Microchip Technology ENC28J60-C/SP Datasheet HTML 75Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 71 / 96 page
background image
© 2006 Microchip Technology Inc.
Preliminary
DS39662B-page 69
ENC28J60
12.1.5
LINK CHANGE INTERRUPT
FLAG (LINKIF)
The LINKIF indicates that the link status has changed.
The actual current link status can be obtained from the
PHSTAT1.LLSTAT or PHSTAT2.LSTAT (see Register 3-5
and Register 3-6). Unlike other interrupt sources, the link
status change interrupt is created in the integrated PHY
module; additional steps must be taken to enable it.
By Reset default, LINKIF is never set for any reason. To
receive
it,
the
host
controller
must
set
the
PHIE.PLNKIE and PGEIE bits. After setting the two
PHY interrupt enable bits, the LINKIF bit will then
shadow the contents of the PHIR.PGIF bit. The PHY
only supports one interrupt, so the PGIF bit will always
be the same as the PHIR.PLNKIF bit (when both PHY
enable bits are set).
Once LINKIF is set, it can only be cleared by the host
controller or by a Reset. If the link change interrupt
is enabled
(EIE.LINKIE
=
1
,
EIE.INTIE
=
1
,
PHIE.PLNKIE = 1 and PHIE.PGEIE = 1), an interrupt
will be generated by driving the INT pin low. If the link
change interrupt is not enabled (EIE.LINKIE = 0,
EIE.INTIE = 0, PHIE.PLNKIE = 0 or PHIE.PGEIE = 0),
the host controller may poll the ENC28J60 for the
PHIR.PLNKIF bit and take appropriate action.
The LINKIF bit is read-only. Because reading from PHY
registers requires non-negligible time, the host controller
may instead set PHIE.PLNKIE and PHIE.PGEIE and
then poll the EIR.LINKIF bit. Performing an MII read on
the PHIR register will clear the LINKIF, PGIF and
PLNKIF bits automatically and allow for future link status
change interrupts. See Section 3.3 “PHY Registers”
for information on accessing the PHY registers.
12.1.6
DMA INTERRUPT FLAG (DMAIF)
The DMA interrupt indicates that the DMA module has
completed its memory copy or checksum calculation
(ECON1.DMAST has transitioned from ‘1’ to ‘0’). Addi-
tionally, this interrupt will be caused if the host controller
cancels a DMA operation by manually clearing the
DMAST bit. Once set, DMAIF can only be cleared by the
host controller or by a Reset condition. If the DMA
interrupt is enabled (EIE.DMAIE = 1 and EIE.INTIE = 1),
an interrupt is generated by driving the INT pin low. If the
DMA interrupt is not enabled (EIE.DMAIE = 0 or
EIE.INTIE = 0), the host controller may poll the
ENC28J60 for the DMAIF and take appropriate action.
Once processed, the host controller should use the BFC
command to clear the EIR.DMAIF bit.
12.1.7
RECEIVE PACKET PENDING
INTERRUPT FLAG (PKTIF)
The Receive Packet Pending Interrupt Flag (PKTIF) is
used to indicate the presence of one or more data pack-
ets in the receive buffer and to provide a notification
means for the arrival of new packets. When the receive
buffer has at least one packet in it, EIR.PKTIF will be set.
In other words, this interrupt flag will be set anytime the
Ethernet Packet Count register (EPKTCNT) is non-zero.
If the receive packet pending interrupt is enabled
(EIE.PKTIE = 1 and EIE.INTIE = 1), an interrupt will be
generated by driving the INT pin low whenever a new
packet is successfully received and written into the
receive buffer. If the receive packet pending interrupt is
not enabled (EIE.PKTIE = 0 or EIE.INTIE = 0), the host
controller will not be notified when new packets arrive.
However, it may poll the PKTIF bit and take appropriate
action.
The PKTIF bit can only be cleared by the host controller
or by a Reset condition. In order to clear PKTIF, the
EPKTCNT register must be decremented to ‘0’. See
Section 7.2 “Receiving Packets” for more informa-
tion about clearing the EPKTCNT register. If the last
data packet in the receive buffer is processed,
EPKTCNT will become zero and the PKTIF bit will
automatically be cleared.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com